Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2157 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2157
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2157 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2157 Datasheet HTML 9Page - NXP Semiconductors LPC2157 Datasheet HTML 10Page - NXP Semiconductors LPC2157 Datasheet HTML 11Page - NXP Semiconductors LPC2157 Datasheet HTML 12Page - NXP Semiconductors LPC2157 Datasheet HTML 13Page - NXP Semiconductors LPC2157 Datasheet HTML 14Page - NXP Semiconductors LPC2157 Datasheet HTML 15Page - NXP Semiconductors LPC2157 Datasheet HTML 16Page - NXP Semiconductors LPC2157 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
13 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
P0[31]/UP_LED/
CONNECT
5[6]
O
P0[31] — General purpose output only digital pin.
O
UP_LED — USB GoodLink LED indicator. It is LOW when device is configured
(non-control endpoints enabled). It is HIGH when the device is not configured
or during global suspend.
O
CONNECT — Signal used to switch an external 1.5 k
Ω resistor under the
software control. Used with the SoftConnect USB feature.
Important: This is an digital output only pin. This pin MUST NOT be externally
pulled LOW when RESET pin is LOW or the JTAG port will be disabled.
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32-bit bidirectional I/O port with individual direction controls
for each bit. The operation of port 1 pins depends upon the pin function
selected via the pin connect block. Pins 0 through 15 and 18 through 24 of
port 1 are not available.
P1[16]
4[6]
I/O
P1[16] — General purpose input/output digital pin (GPIO).
P1[17]
100[6]
I/O
P1[17] — General purpose input/output digital pin (GPIO).
P1[25]/EXTIN0
16[6]
I/O
P1[25] — General purpose input/output digital pin (GPIO).
I
EXTIN0 — External Trigger Input. Standard I/O with internal pull-up.
P1[26]/RTCK
12[6]
I/O
P1[26] — General purpose input/output digital pin (GPIO).
I/O
RTCK — Returned Test Clock output. Extra signal added to the JTAG port.
Assists debugger synchronization when processor frequency varies.
Bidirectional pin with internal pull-up.
Note: LOW on RTCK while RESET is LOW enables pins P1[31:26] to operate
as Debug port after reset.
P1[27]/TDO
90[6]
I/O
P1[27] — General purpose input/output digital pin (GPIO).
O
TDO — Test Data out for JTAG interface.
P1[28]/TDI
86[6]
I/O
P1[28] — General purpose input/output digital pin (GPIO).
I
TDI — Test Data in for JTAG interface.
P1[29]/TCK
82[6]
I/O
P1[29] — General purpose input/output digital pin (GPIO).
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄6 of the
CPU clock (CCLK) for the JTAG interface to operate.
P1[30]/TMS
78[6]
I/O
P1[30] — General purpose input/output digital pin (GPIO).
I
TMS — Test Mode Select for JTAG interface.
P1[31]/TRST
8[6]
I/O
P1[31] — General purpose input/output digital pin (GPIO).
I
TRST — Test Reset for JTAG interface.
D+
98[7]
I/O
USB bidirectional D+ line.
D
−
99[7]
I/O
USB bidirectional D
− line.
RESET
83[8]
I
External reset input: A LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
88[9]
O
Input from the oscillator amplifier.
XTAL2
87[9]
I
Output to the oscillator circuit and internal clock generator circuits.
RTCX1
93[9]
I
Input to the RTC oscillator circuit.
RTCX2
94[9]
O
Output from the RTC oscillator circuit.
VSS
6, 13, 32,
39, 40,
85, 95
I
Ground: 0 V reference.
Table 3.
Pin description LPC2158 …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com