Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2158 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2158 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2158 Datasheet HTML 1Page - NXP Semiconductors LPC2158 Datasheet HTML 2Page - NXP Semiconductors LPC2158 Datasheet HTML 3Page - NXP Semiconductors LPC2158 Datasheet HTML 4Page - NXP Semiconductors LPC2158 Datasheet HTML 5Page - NXP Semiconductors LPC2158 Datasheet HTML 6Page - NXP Semiconductors LPC2158 Datasheet HTML 7Page - NXP Semiconductors LPC2158 Datasheet HTML 8Page - NXP Semiconductors LPC2158 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
3 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
(1) Pins shared with GPIO.
(2) USB DMA controller with 8 kB of RAM accessible as general purpose RAM and/or DMA is available in LPC2158 only.
(3) LPC2157 only.
Fig 2.
Microcontroller section block diagram
002aad384
system
clock
TRST(1)
TMS(1)
TCK(1)
TDI(1)
TDO(1)
XTAL2
XTAL1
AMBA AHB
(Advanced High-performance Bus)
INTERNAL
FLASH
CONTROLLER
AHB BRIDGE
TEST/DEBUG
INTERFACE
AHB
DECODER
AHB TO APB
BRIDGE
APB
DIVIDER
VECTORED
INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
PLL0
USB
clock
PLL1
SYSTEM
CONTROL
512 kB
FLASH
ARM7TDMI-S
LPC2157/2158
INTERNAL
SRAM
CONTROLLER
32 kB
SRAM
ARM7 local bus
APB (advanced
peripheral bus)
SCL0, SCL1
SDA0, SDA1
4
× CAP0
4
× CAP1
8
× MAT0
8
× MAT1
I2C-BUS SERIAL
INTERFACES 0 AND 1
CAPTURE/COMPARE
(W/EXTERNAL CLOCK)
TIMER 0/TIMER 1
EINT3 to
EINT0
EXTERNAL
INTERRUPTS
D+
D
−
UP_LED
CONNECT
VBUS
USB 2.0 FULL-SPEED
DEVICE CONTROLLER
WITH DMA(2)
SCK0, SCK1
MOSI0, MOSI1
MISO0, MISO1
AD0[7:6],
AD0[5](3)
AD0[0](3)
AD0[4:1]
AD1[7:0]
SSEL0, SSEL1
SPI AND SSP
SERIAL INTERFACES
A/D CONVERTERS
0 AND 1
TXD0, TXD1
RXD0, RXD1
DSR1,CTS1,
RTS1, DTR1,
DCD1,RI1
AOUT
UART0/UART1
D/A CONVERTER
P0[31:28] and
P0[25:0]
P1[31:16]
RTCX2
RTCX1
V
BAT
REAL-TIME CLOCK
GENERAL
PURPOSE I/O
PWM[6:1]
WATCHDOG
TIMER
PWM0
P1[31:25],
P1[17:16]
P0[31:28],
P0[27:26](3)
P0[25],
P0[23:0]
FAST GENERAL
PURPOSE I/O
8 kB RAM
SHARED WITH
USB DMA(2)
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com