Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2F702 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD2F702
Description  TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2F702 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2F702 Datasheet HTML 1Page - Texas Instruments TPD2F702 Datasheet HTML 2Page - Texas Instruments TPD2F702 Datasheet HTML 3Page - Texas Instruments TPD2F702 Datasheet HTML 4Page - Texas Instruments TPD2F702 Datasheet HTML 5Page - Texas Instruments TPD2F702 Datasheet HTML 6Page - Texas Instruments TPD2F702 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C1
C2
B2
A1
A2
BOTTOM VIEW
(Bump Facing Up)
C1
C2
B2
A1
A2
TOP VIEW
(Bump Facing Down)
TPD2F702
www.ti.com
SLLS986A – FEBRUARY 2010 – REVISED MARCH 2010
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
Check for Samples: TPD2F702
1
FEATURES
•
Two-Channel EMI Filter for Audio Speaker or
•
Pi-Style (C-R-C) Filter Configuration
AVIF Ports
(C1 = 30 pF, R = 15
Ω, C2 = 5000 pF)
•
Best in class EMI Noise Filtering for Audio
•
Ultra Low Leakage Current (100-nA max)
Applications (-3dB Bandwidth = 1.2MHz)
•
Space-Saving WCSP Package and
•
> 50 dB Crosstalk Attenuation at 100 MHz
Flow-Through Pin Mapping
•
Integrated ESD Protection Exceeds
•
Industrial Temperature Range: –40°C to 85°C
IEC61000-4-2 (Level 4) at the Connector Ports
(Level 4) on the Connector Side
APPLICATIONS
•
Mobile Phones
–
±15-kV Human-Body Model (HBM)
•
PDAs
–
±30-kV IEC 61000-4-2 Contact Discharge
•
Headsets
–
±30-kV IEC 61000-4-2 Air-Gap Discharge
•
Portable Gaming
YFK PACKAGE
TERMINAL ASSIGNMENTS
1
2
A
Ch 1 Input, ESD Level 1
Ch 1 Output, ESD Level 4
B
Depopulated Ball
Ground
C
Ch 2 Input, ESD Level 1
Ch 2 Output, ESD Level 4
DESCRIPTION/ORDERING INFORMATION
The TPD2F702 is a two-channel EMI filter for audio interface applications. With the integration of 5000 pF
capacitor in a space saving low noise WCSP package, the TPD2F702 offers superior EMI noise supression
(2MHz to 6GHz) compared to discrete implementation. The device is optimized for AVIF connector or speaker
port interfaces. This low-pass filter array also provides system level ESD protection to eliminate the need for
external ESD clamps. The TPD2F702 exceeds ±30-kV ratings per IEC6100-4-2 Contact and Air-Gap
specifications. It is primarily used in the mobile-phone audio headphone speaker interface, but can be used in
other audio applications.
The TPD2F702 is a highly integrated device designed to suppress EMI/RFI noise in all systems subjected to
electromagnetic interferences. This filter includes ESD protection circuitry which prevents damage to the
application when subjected to ESD surges far exceeding IEC 61000-4-2 (Level 4).
The TPD2F702 is specified for –40°C to 85°C operation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2F702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2F702 TI-TPD2F702 Datasheet
166Kb / 6P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702 TI-TPD2F702 Datasheet
393Kb / 9P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702YFKR TI-TPD2F702YFKR Datasheet
166Kb / 6P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702YFKR TI-TPD2F702YFKR Datasheet
393Kb / 9P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702_101 TI-TPD2F702_101 Datasheet
393Kb / 9P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
More results

Similar Description - TPD2F702

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
Texas Instruments
TPD2F702 TI-TPD2F702 Datasheet
166Kb / 6P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
logo
Texas Instruments
TPD2F702_101 TI-TPD2F702_101 Datasheet
393Kb / 9P
TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
logo
STMicroelectronics
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
2-line IPAD?? EMI filter and ESD protection for speaker
21-Sep-2009
EMIF05-AUD02F3 STMICROELECTRONICS-EMIF05-AUD02F3 Datasheet
288Kb / 8P
EMI filter and ESD protection for audio interface
December 2013 Rev 1
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com