Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2155 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2155
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 9Page - Micrel Semiconductor MIC2155 Datasheet HTML 10Page - Micrel Semiconductor MIC2155 Datasheet HTML 11Page - Micrel Semiconductor MIC2155 Datasheet HTML 12Page - Micrel Semiconductor MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
13
M9999-111209-B
VEN1/2
VSS
V
OUT
Slope = ISS/CSS
Figure 3. Soft Start Waveforms
Figure 4. Soft Start Circuit
The output voltage starts to rise when VSS is
approximately 1 diode drop above ground, 0.6V.
The startup delay and output voltage risetime can be
approximated using the formula shown below:
SS
OUT
SS
R
SS
SS
d
I
14
V
C
t
Risetime
I
0.6V
C
t
Delay
×
×
=
×
=
The soft start pin is discharged under the following
conditions:
• EN1 pin de-asserted
• UVLO on the VIN1 or VDD pins
• Overcurrent
• Overvoltage (latched off)
Enable
There is an enable pin for each of the two channels.
Asserting EN1 will enable Channel 1 gate drive and
release the soft start circuit. De-asserting EN1 will
disable the gate drive, discharge CSS and disable VDD. It
will bring the controller into a low current off state.
Enable 2 only controls switching of Channel 2. Disabling
Channel 2 stops the switching of the power FETs on
Channel 2 which reduces the VDD current draw. This can
improve efficiency when operating at low output current,
especially when large MOSFETs are used.
Supply Voltages and Internal References
The MIC2155/6 is powered from a 4.5V to 14.5V supply.
The two input supply pins (VIN1 and VIN2) are
connected together in most applications. They are
powered separately in configurations with two input
supply voltages.
VIN1 supplies an internal LDO, which generates the
VDD supply voltage. VDD is used to power the gate drive
circuitry and must be externally decoupled to the power
ground pins (PGND1 and PGND2). A 10µF Ceramic
capacitor is recommended for most applications. The
AVDD pin is the supply pin for the Bandgap reference
and internal analog circuits. A small RC filter
(10Ω/0.1µF) connected to AVDD is recommended to
help attenuate switching noise from the VDD supply.
The dropout of the internal VDD regulator causes VDD
to drop if VIN1 is below 6V. When operating below 6V,
VDD may be jumpered to VIN1. This bypasses the
internal LDO and prevents VDD from dropping out.
An LDO or simple series pass regulator can be used to
limit the VDD voltage for applications with an input
voltage that spans above and below the 6V maximum
VDD limit. Figures 5 and 6 illustrate two examples of
regulating VDD with external circuitry.
CIN
1µF
CVDD
10µF
CBST
Figure 5. LDO Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com