Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3201 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3201
Description  High Brightness LED Driver with High-Side Current Sense
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3201 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3201 Datasheet HTML 8Page - Micrel Semiconductor MIC3201 Datasheet HTML 9Page - Micrel Semiconductor MIC3201 Datasheet HTML 10Page - Micrel Semiconductor MIC3201 Datasheet HTML 11Page - Micrel Semiconductor MIC3201 Datasheet HTML 12Page - Micrel Semiconductor MIC3201 Datasheet HTML 13Page - Micrel Semiconductor MIC3201 Datasheet HTML 14Page - Micrel Semiconductor MIC3201 Datasheet HTML 15Page - Micrel Semiconductor MIC3201 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC3201
January, 2010
13
M9999-010710-B
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
12103D106KAT2A
AVX
(1)
10µF/25V, Ceramic Capacitor, X5R, Size 0805
GRM32DR71E106KA12L
Murata
(2)
10µF/25V, Ceramic Capacitor, X7R, Size 0805
C1, C2
C3225X7R1E106M
TDK
(3)
10µF/25V, Ceramic Capacitor, X7R, Size 0805
2
08053D105KAT2A
AVX
(1)
1µF/25V, Ceramic Capacitor, X5R, Size 0805
GRM216R61E105KA12D
Murata
(2)
1µF/25V, Ceramic Capacitor, X5R, Size 0805
C3
C2012X7R1E105K
TDK
(3)
1µF/25V, Ceramic Capacitor, X7R, Size 0805
1
08055A271JAT2A
AVX
(1)
C4
GQM2195C1H271JB01D
Murata
(2)
270pF/50V, Ceramic Capacitor NPO, Size 0805
1
SS24-TP
MCC
(4)
D1
SS24
Fairchild
(5)
40V, 2A, SMA, Schottky Diode
1
L1
CDRH8D43NP-220NC
SUMIDA
(6)
22µH, 2.6A, SMT, Power Inductor
1
R1
CSR 1/2 0.2 1% I
Stackpole Electronics Inc
(7)
0.2Ω Resistor, 1/2W, 1%, Size 1206
1
R2, R3
CRCW08051003FKEA
Vishay
(8)
100kΩ Resistor, 1% , Size 0805
2
R4
CRCW08052R20FKEA
Vishay
(8)
2.2 Ohms Resistor, 1%, Size 0805
1
U1
MIC3201YME
Micrel, Inc.
(9)
High-Brightness LED Driver with High-Side
Current Sense
1
Notes:
1. AVX: www.avx.com
2. Murata: www.murata.com
3. TDK: www.tdk.com
4. MCC: www.mccsemi.com
5. Fairchild: www.fairchildsemi.com
6. Sumida Tel: www.sumida.com
7. Stackpole Electronics: www.seielect.com
8. Vishay: www.vishay.com
9. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com