Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 53Page - NXP Semiconductors LPC2921 Datasheet HTML 54Page - NXP Semiconductors LPC2921 Datasheet HTML 55Page - NXP Semiconductors LPC2921 Datasheet HTML 56Page - NXP Semiconductors LPC2921 Datasheet HTML 57Page - NXP Semiconductors LPC2921 Datasheet HTML 58Page - NXP Semiconductors LPC2921 Datasheet HTML 59Page - NXP Semiconductors LPC2921 Datasheet HTML 60Page - NXP Semiconductors LPC2921 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
LPC2921_23_25_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2010
57 of 84
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C on wafer
level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated test conditions to cover
the specified temperature and power-supply voltage range.
[2]
Leakage current is exponential to temperature; worst-case value is at 85
°C T
vj. All clocks off. Analog modules and flash powered down.
[3]
Not 5 V-tolerant when pull-up is on.
[4]
For I/O Port 0, the maximum input voltage is defined by VI(ADC).
[5]
For Port 0, pin 0 to pin 15 add maximum 1.5 pF for input capacitance to ADC. For Port 0, pin 16 to pin 31 add maximum 1.0 pF for input
capacitance to ADC.
[6]
Cxtal is crystal load capacitance and Cext are the two external load capacitors.
[7]
This parameter is not part of production testing or final testing, hence only a typical value is stated. Maximum and minimum values are
based on simulation results.
[8]
The power-up reset has a time filter: VDD(CORE) must be above Vtrip(high) for 2 μs before reset is de-asserted; VDD(CORE) must be below
Vtrip(low) for 11 μs before internal reset is asserted.
IOLS
LOW-level short-circuit
output current
drive high; pad
connected to VDD(IO)
--
95.1
mA
Oscillator
VXIN_OSC
voltage on pin XIN_OSC
0
-
1.8
V
Rs(xtal)
crystal series resistance
fosc = 10 MHz to 15 MHz
[6]
Cxtal =10pF;
Cext =18pF
--
160
Ω
Cxtal =20pF;
Cext =39pF
--
60
Ω
fosc = 15 MHz to 20 MHz
[6]
Cxtal =10pF;
Cext =18pF
--
80
Ω
Ci
input capacitance
of XIN_OSC
[7] --
2
pF
Power-up reset
Vtrip(high)
high trip level voltage
[8] 1.1
1.4
1.6
V
Vtrip(low)
low trip level voltage
[8] 1.0
1.3
1.5
V
Vtrip(dif)
difference between high
and low trip level voltage
[8] 50
120
180
mV
Table 31.
Static characteristics …continued
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj = −40 °Cto +85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com