Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7740 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7740
Description  Quad-Output Digital PWM Buck Controller Supporting high current loads
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7740 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7740 Datasheet HTML 17Page - Exar Corporation XRP7740 Datasheet HTML 18Page - Exar Corporation XRP7740 Datasheet HTML 19Page - Exar Corporation XRP7740 Datasheet HTML 20Page - Exar Corporation XRP7740 Datasheet HTML 21Page - Exar Corporation XRP7740 Datasheet HTML 22Page - Exar Corporation XRP7740 Datasheet HTML 23Page - Exar Corporation XRP7740 Datasheet HTML 24Page - Exar Corporation XRP7740 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
XRP7740
REV 1.1.0
Quad-Output Digital PWM Buck Controller
Soft-Stop
The SET_PD_FALL_CHx register is a 16 bit register. This register specifies the soft-stop delay and ramp (fall-
time) characteristics for when the chip receives a channel disable indication from the Host to shutdown the
channel.
Bits [15:10] specify the delay after disabling a channel but before starting the shutdown of the channel; where
each bit represents 250us steps. Bits [9:0] specify the fall time of the channel; these 10 bits define the number of
microseconds for each 50mV increment to reach the discharge threshold.
Channel Soft-Stop Sequence
Power Good Flag
The XRP7740 allows the user to set the upper and lower bound for a power good signal per channel. The
SET_PWRG_TARG_MAX_CHx register sets the upper bound, the SET_PWRG_TARG_MIN_CHx register sets
the lower bound. Each register has a 20mV LSB resolution. When the output voltage is within bounds the power
good signal is asserted high. Typically the upper bound should be lower than the over-voltage threshold. In
addition, the power good signal can be delayed by a programmable amount set in the SET_PWRGD_DLY_CHx
register. The power good delay is only set after the soft-start period is finished. If the channel has a pre-charged
condition that falls into the power good region, a power good flag is not set until the soft-start is finished.
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET.
EXAR CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com