Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP80579 Datasheet(PDF) 21 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 21 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 17Page - Intel Corporation EP80579 Datasheet HTML 18Page - Intel Corporation EP80579 Datasheet HTML 19Page - Intel Corporation EP80579 Datasheet HTML 20Page - Intel Corporation EP80579 Datasheet HTML 21Page - Intel Corporation EP80579 Datasheet HTML 22Page - Intel Corporation EP80579 Datasheet HTML 23Page - Intel Corporation EP80579 Datasheet HTML 24Page - Intel Corporation EP80579 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1916 page
background image
August 2009
Intel® EP80579 Integrated Processor Product Line Datasheet
Order Number: 320066-003US
21
Contents
20.2.1.3
Offset 01h: DMA_BCC[0-3] - DMA Base and Current Count Registers for
Channels 0-3 ................................................................................. 768
20.2.1.4
Offset C6h: DMA_BCC[5-7] - DMA Base and Current Count Registers for
Channels 5-7 ................................................................................. 769
20.2.1.5
Offset 08h: DMA_COMMAND - DMA Command Register........................ 770
20.2.1.6
Offset 87h: DMA_MPL[0-3] - DMA Memory Low Page Registers for Channels
0-3 ............................................................................................... 771
20.2.1.7
Offset 8Bh: DMA_MPL[5-7] - DMA Memory Low Page Registers for Channels
5-7 ............................................................................................... 771
20.2.1.8
Offset 08h: DMA_STATUS - DMA Status Register ................................ 772
20.2.1.9
Offset 0Ah: DMA_WSM - DMA Write Single Mask Register .................... 773
20.2.1.10 Offset 0Bh: DMA_CHM - DMA Channel Mode Register .......................... 774
20.2.1.11 Offset 0Ch: DMA_CBP - DMA Clear Byte Pointer Register...................... 775
20.2.1.12 Offset 0Dh: DMA_MC - DMA Master Clear Register .............................. 775
20.2.1.13 Offset 0Eh: DMA_CM - DMA Clear Mask Register ................................. 776
20.2.1.14 Offset 0Fh: DMA_WAM - DMA Write All Mask Register .......................... 777
20.3 DMA Channel Arbitration .................................................................................. 778
20.4 Special Cases in Address/Count......................................................................... 779
20.4.1
Address Overrun/Underrun...................................................................... 779
20.4.2
16-Bit Channels ..................................................................................... 779
20.4.3
Autoinitialize ......................................................................................... 779
20.4.4
Software Commands .............................................................................. 779
20.5 Theory of Operation for LPC DMA....................................................................... 780
20.5.1
Asserting DMA Requests ......................................................................... 780
20.5.2
Abandoning DMA Requests ...................................................................... 780
20.5.3
General Flow of DMA Transfers ................................................................ 781
20.5.4
Terminal Count ...................................................................................... 781
20.5.5
Verify Mode........................................................................................... 782
20.5.6
DMA Request Deassertion ....................................................................... 782
20.5.7
SYNC Field/LDRQ# Rules......................................................................... 783
21.0 Serial Peripheral Interface .................................................................................... 785
21.1 Overview ....................................................................................................... 785
21.1.1
Features ............................................................................................... 785
21.2 External Interface ........................................................................................... 785
21.3 SPI Protocol.................................................................................................... 786
21.3.1
SPI Pin-Level Protocol ............................................................................. 786
21.3.1.1
Addressing..................................................................................... 787
21.3.1.2
Data Transaction ............................................................................ 787
21.3.1.3
Bus Errors .................................................................................... 788
21.3.1.4
Instructions ................................................................................... 788
21.3.1.5
SPI Timings ................................................................................... 789
21.4 Host Side Interface.......................................................................................... 789
21.4.1
SPI Host Interface Registers .................................................................... 789
21.4.2
Register Overview .................................................................................. 789
21.4.2.1
Offset 3020h: SPIS – SPI Status ....................................................... 790
21.4.2.2
Offset 3022h: SPIC – SPI Control...................................................... 791
21.4.2.3
Offset 3024h: SPIA – SPI Address..................................................... 792
21.4.2.4
Offset 3028h: SPID0 – SPI Data 0..................................................... 792
21.4.2.5
SPID[0-6] – SPI Data N ................................................................... 793
21.4.2.6
Offset 3070h: BBAR – BIOS Base Address.......................................... 793
21.4.2.7
Offset 3074h: PREOP – Prefix Opcode Configuration ............................ 794
21.4.2.8
Offset 3076h: OPTYPE – Opcode Type Configuration ............................ 794
21.4.2.9
Offset 3078h: OPMENU – Opcode Menu Configuration.......................... 795
21.4.2.10 Offset 3080h: PBR0 – Protected BIOS Range [0-2].............................. 796
21.4.3
Running SPI Cycles from the Host ............................................................ 797
21.4.3.1
Memory Reads ............................................................................... 797
21.4.3.2
Generic Programmed Commands ...................................................... 799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com