Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB355
Description  Full speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB355 Datasheet HTML 1Page - ATMEL Corporation AT43USB355 Datasheet HTML 2Page - ATMEL Corporation AT43USB355 Datasheet HTML 3Page - ATMEL Corporation AT43USB355 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• AVR® Microcontroller-based USB Hub and Function Controller
• Fully Programmable USB 1.1 Hub with 2 External and 1 Attached Downstream Ports
• Full Speed USB Function with 4 Endpoints
• High-performance and Low-power AVR RISC Microcontroller
• 120 Powerful Instructions – Most with 83 ns Execution Cycle Times
• 24K Bytes Program Memory in Masked ROM or Downloadable SRAM
• 1K Byte Internal SRAM
• 32x8General PurposeWorking Registers
• 27 Programmable I/O Port Pins
• 12 Channels 10-bit A-to-D Converter
• Programmable SPI Serial Interface
• One 8-bit Timer Counter with Separate Pre-scaler
• One 16-bit Timer Counter with Separate Pre-scaler and Two PWM
• External and Internal Interrupt Sources
• Programmable Watchdog Timer
• Low-power Idle and Power-down Modes
• 6 MHz Crystal Oscillator with PLL
• 5V Operation with On-chip 3.3V Regulators
• 64-lead LQFP Package
PA[0:7]
PB[0:7]
LFT
RSTN
PD[0:7]
PF[1:3]
ANI[0:7]
XTAL1
XTAL2
DP0
DM0
VCCA
VSSA
DP2
DM2
DP3
DM3
TEST
VCC[1:3]
VSS[1:3]
ANI[8:11]
Full Speed
USB
Microcontroller
with Embedded
Hub, ADC and
PWM
AT43USB355
Summary
Rev. 2603BS–USB–01/02


Similar Part No. - AT43USB355

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355 Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
AT43USB355 ATMEL-AT43USB355 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355E-AC ATMEL-AT43USB355E-AC Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355E-AU ATMEL-AT43USB355E-AU Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355M-AC ATMEL-AT43USB355M-AC Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
More results

Similar Description - AT43USB355

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
USB Full Speed Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com