Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST4
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4 Datasheet(HTML) 5 Page - STMicroelectronics

  ACST4 Datasheet HTML 1Page - STMicroelectronics ACST4 Datasheet HTML 2Page - STMicroelectronics ACST4 Datasheet HTML 3Page - STMicroelectronics ACST4 Datasheet HTML 4Page - STMicroelectronics ACST4 Datasheet HTML 5Page - STMicroelectronics ACST4 Datasheet HTML 6Page - STMicroelectronics ACST4 Datasheet HTML 7Page - STMicroelectronics ACST4 Datasheet HTML 8Page - STMicroelectronics ACST4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ASCT4
Characteristics
Doc ID 8766 Rev 5
5/13
Figure 10.
On-state characteristics
(maximum values)
Figure 11.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus junction temperature
1
10
100
01
2
3
4
5
Tj = 125 °C
Tj = 25 °C
ITM(A)
VTM(V)
Tjmax:
Vto = 0.90 V
Rd = 110 mΩ
0
1
2
3
4
5
6
7
25
50
75
100
125
8
Tj(°C)
(dI/dt)c [Tj] / (dl/dt)c [Tj = 125 °C]
Figure 12.
Relative variation of static dV/dt
immunity versus junction
temperature (gate open)
Figure 13.
Relative variation of leakage
current versus junction
temperature
0
1
2
3
4
5
6
25
50
75
100
125
dV/dt [Tj] / dV/dt [Tj = 125 °C]
VD =VR = 536 V
Tj(°C)
25
50
75
100
125
VDRM =VRRM = 800V
VDRM =VRRM = 600 V
VDRM =VRRM = 200 V
IDRM/IRRM [Tj;VDRM /VRRM] / IDRM/IRRM [Tj = 125 °C; 800 V]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
Tj(°C)
Different blocking voltages
Figure 14.
Relative variation of the clamping
voltage (VCL) versus junction
temperature (minimum values)
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under tab
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50
-25
0
25
50
75
100
125
V[Tj] / V [Tj = 25 °C]
CL
CL
Tj(°C)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
Rth(j-a)(°C/W)
DPAK
SCU(cm²)
Printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com