Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MMHR Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATtiny48-MMHR
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMHR Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATtiny48-MMHR Datasheet HTML 10Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 11Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 12Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 13Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 14Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 15Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 16Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 17Page - ATMEL Corporation ATtiny48-MMHR Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
8008F–AVR–06/10
ATtiny48/88
6. Ordering Information
6.1
ATtiny48
Notes: 1. Code indicators:
– H: NiPdAu lead finish
– U: matte tin
– R: tape & reel
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
Speed (MHz)
Power Supply
Ordering Code(1)
Package(2)
Operational Range
12
1.8
– 5.5
ATtiny48-MMU
ATtiny48-MMH
ATtiny48-MMHR
ATtiny48-PU
ATtiny48-AU
ATtiny48-AUR
ATtiny48-CCU
ATtiny48-CCUR
ATtiny48-MU
ATtiny48-MUR
28M1
28M1
28M1
28P3
32A
32A
32CC1
32CC1
32M1-A
32M1-A
Industrial
(-40
°C to +85°C)(3)
Package Type
28M1
28-pad, 4 x 4 x 1.0 body, Lead Pitch 0.45 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
32CC1
32-ball (6 x 6 Array), 0.50 mm Pitch, 4 x 4 x 0.6 mm, Ultra Thin, Fine-Pitch Ball Grid Array Package (UFBGA)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com