Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST830-8FPTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST830-8FPTR
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST830-8FPTR Datasheet(HTML) 4 Page - STMicroelectronics

  ACST830-8FPTR Datasheet HTML 1Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 2Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 3Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 4Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 5Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 6Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 7Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 8Page - STMicroelectronics ACST830-8FPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ACST8
4/13
Doc ID 7463 Rev 7
Figure 4.
On-state rms current versus
ambient temperature (free air
convection, fulle cycle)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
I
(A)
T(RMS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
α=180°
TO-220
D2PAK
Copper surface
= 1cm2
T
(°C)
amb
K=[Z /R ]
th
th
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a)
TO-220AB
TO-220FPAB
TO-220AB
TO-220FPAB
Z
th(j-c)
t (s)
p
Figure 6.
Relative variation of gate trigger
current (IGT) and voltage (VGT)
versus junction temperature
Figure 7.
Relative variation of holding
current (IH) and latching current (IL)
versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
I
GT,VGT[Tj]/IGT,VGT[Tj=25 °C]
I
GT Q1-Q2
V
GT Q1-Q2-Q3
I
GT Q3
Tj(°C)
Typical values
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
I
H,IL [Tj]/IH,IL [Tj=25 °C]
I
H
I
L
Tj(°C)
Figure 8.
Surge peak on-state current versus
number of cycles
Figure 9.
Non repetitive surge peak on-state
current and corresponding value of
I2t versus sinusoidal pulse width
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
I
TSM(A)
Non repetitive
T
j initial=25 °C
One cycle
t=20ms
Repetitive
T
C=105 °C
Number of cycles
1
10
100
1000
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
T
j initial=25 °C
dI/dt limitation: 100 A/µs
I
TSM
I²t
tP(ms)
sinusoidal pulse
with width t < 10 ms
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com