Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-CCU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATtiny48-CCU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-CCU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATtiny48-CCU Datasheet HTML 1Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 2Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 3Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 4Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 5Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 6Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 7Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 8Page - ATMEL Corporation ATtiny48-CCU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
8008F–AVR–06/10
ATtiny48/88
externally pulled low will source current if the pull-up resistors are activated. The Port D pins are
tri-stated when a reset condition becomes active, even if the clock is not running.
The various special features of Port D are elaborated in “Alternate Functions of Port D” on page
73.
1.1.8
AVCC
AVCC is the supply voltage pin for the A/D converter and a selection of I/O pins. This pin should
be externally connected to VCC even if the ADC is not used. If the ADC is used, it is recom-
mended this pin is connected to VCC through a low-pass filter, as described in “Analog Noise
Canceling Techniques” on page 169.
The following pins receive their supply voltage from AVCC: PC7, PC[5:0] and (in 32-lead pack-
ages) PA[1:0]. All other I/O pins take their supply voltage from VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com