Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 18Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 19Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 20Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 21Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 22Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 23Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 24Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 25Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
8008F–AVR–06/10
ATtiny48/88
9. Datasheet Revision History
Please note that page references in this section refer to the current revision of this document.
9.1
Rev. 8008F - 06/10
1. Updated notes 1 and 10 in table in Section 21.2 “DC Characteristics” on page 204.
2. Updated package drawing in Section 7.4 “32CC1” on page 19.
3. Updated bit syntax throughout the datasheet, e.g. from CS02:0 to CS0[2:0].
9.2
Rev. 8008E - 05/10
1. Section 4. “Register Summary” on page 8, added SPH at address 0x3E.
2. Section 7.1 “28M1” on page 16 updated with correct package drawing.
9.3
Rev. 8008D - 03/10
1. Separated Typical Characteristic plots, added Section 22.2 “ATtiny88” on page 247.
2. Updated:
– Section 1.1 “Pin Descriptions” on page 3, Port D, adjusted texts ‘sink and source’
and ‘high sink’.
– Table 6-3 on page 28 adjusted, to fix TBD.
– Section 6.4 “128 kHz Internal Oscillator” on page 28 adjusted, to fix TBD.
– Section 8.4 “Watchdog Timer” on page 43, updated.
– Section 21.2 “DC Characteristics” on page 204, updated TBD in notes 5 and 8.
3. Added:
– UFBGA package (32CC1) in, “Features” on page 1, “Pin Configurations” on page 2,
Section 6. “Ordering Information” on page 14, and Section 7. “Packaging
Information” on page 16
– Addresses in all Register Desc. tables, with cross-references to Register Summary
– Tape and reel in Section 6. “Ordering Information” on page 14
9.4
Rev. 8008C - 03/09
1. Updated sections:
– “Features” on page 1
– “Reset and Interrupt Handling” on page 13
– “EECR – EEPROM Control Register” on page 22
– “Features” on page 127
– “Bit Rate Generator Unit” on page 133
– “TWBR – TWI Bit Rate Register” on page 154
– “TWHSR – TWI High Speed Register” on page 157
– “Analog Comparator” on page 158
– “Overview” on page 161
– “Operation” on page 162
– “Starting a Conversion” on page 163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com