Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST8
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8 Datasheet(HTML) 2 Page - STMicroelectronics

  ACST8 Datasheet HTML 1Page - STMicroelectronics ACST8 Datasheet HTML 2Page - STMicroelectronics ACST8 Datasheet HTML 3Page - STMicroelectronics ACST8 Datasheet HTML 4Page - STMicroelectronics ACST8 Datasheet HTML 5Page - STMicroelectronics ACST8 Datasheet HTML 6Page - STMicroelectronics ACST8 Datasheet HTML 7Page - STMicroelectronics ACST8 Datasheet HTML 8Page - STMicroelectronics ACST8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ACST8
2/13
Doc ID 7463 Rev 7
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
TO-220FPAB
Tcase = 91 °C
8A
TO-220AB /
D2PAK
Tcase = 105 °C
D2PAK with
1cm2 Cu
Tamb = 43 °C
2
A
ITSM
Non repetitive surge peak on-state
current Tj initial = 25 °C, full cycle sine
wave
F = 50 Hz
tp = 20 ms
80
A
F = 60 Hz
tp = 16.7 ms
84
A
I2t
Thermal constraint for fuse selection
tp = 10 ms
42
A2s
dI/dt
Non repetitive on-state current critical rate of rise
IG = 10 mA (tr < 100 ns)
Rate period > 1 mn
100
A/µs
VPP
(1)
Non repetitive line peak pulse voltage
Tj = 25 °C
2
kV
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
PGM
Peak gate power dissipation (tp = 20 ms)
Tj = 125 °C
10
W
IGM
Peak gate current (tp = 20 ms)
Tj = 125 °C
1.6
A
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 40 to + 125
°C
Tl
Maximum lead soldering temperature during 10 s
260
°C
VINS(RMS) Insulation rms voltage
TO-220FPAB
1500
V
1.
According to test described in IEC 61000-4-5 standard and Figure 18.
Table 3.
Electrical characteristics per switch
Symbol
Test conditions
Quadrant
Tj
Value
Unit
IGT
(1)
VOUT = 12 V, RL = 33 Ω
I - II - III
25 °C
Max
30
mA
VGT
VOUT = 12V, RL = 33 Ω
I - II - III
25 °C
Max
1.0
V
VGD
VOUT = VDRM, RL = 3.3 kΩ
I - II - III
125 °C
Min
0.2
V
IH
(2)
IOUT = 500 mA
25 °C
Max
30
mA
IL
IG = 1.2 x IGT
I - II - III
25 °C
Max
50
mA
dV/dt(2)
VOUT = 67% VDRM, gate open
125 °C
Min
2000
V/µs
(dI/dt)c(2)
Without snubber
125 °C
Min
8
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms
25 °C
Min
850
V
1.
Minimum IGT is guaranteed at 5% of IGT(Max)
2.
For either positive or negative polarity of OUT pin with reference to COM pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com