Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY550ALTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LPY550ALTR
Description  MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY550ALTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LPY550ALTR Datasheet HTML 3Page - STMicroelectronics LPY550ALTR Datasheet HTML 4Page - STMicroelectronics LPY550ALTR Datasheet HTML 5Page - STMicroelectronics LPY550ALTR Datasheet HTML 6Page - STMicroelectronics LPY550ALTR Datasheet HTML 7Page - STMicroelectronics LPY550ALTR Datasheet HTML 8Page - STMicroelectronics LPY550ALTR Datasheet HTML 9Page - STMicroelectronics LPY550ALTR Datasheet HTML 10Page - STMicroelectronics LPY550ALTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LPY550AL
Terminology
Doc ID 15808 Rev 2
7/12
3
Terminology
3.1
Sensitivity
An angular rate gyroscope is a device that produces a positive-going output voltage for
counterclockwise rotation around the sensible axis considered. Sensitivity describes the
gain of the sensor and can be determined by applying a defined angular velocity to it. This
value changes very little over temperature and time.
3.2
Zero-rate level
Zero-rate level describes the actual output signal if there is no angular rate present. Zero-
rate level of precise MEMS sensors is, to some extent, a result of stress to the sensor and
therefore zero-rate level can slightly change after mounting the sensor onto a printed circuit
board or after exposing it to extensive mechanical stress. This value changes very little over
temperature and time.
3.3
Self-test
Self-test allows testing the mechanical and electrical part of the sensor, allowing the seismic
mass to be moved by means of an electrostatic test-force. The self-test function is off when
the ST pin is connected to GND. When the ST pin is tied to Vdd, an actuation force is
applied to the sensor, emulating a definite Coriolis force. In this case the sensor output will
exhibit a voltage change in its DC level which is also dependent on the supply voltage.
When ST is active, the device output level is given by the algebraic sum of the signals
produced by the velocity acting on the sensor and by the electrostatic test-force. If the output
signals change within the amplitude specified in
Table 3, then the mechanical element is
working properly and the parameters of the interface chip are within the defined
specification.
3.4
High pass filter reset (HP)
LPY550AL provides the possibility to reset the optional external high pass filter by applying
high logic value to HP pad. This procedure ensures faster response expecially during
overload conditions. Moreover, this operation is suggested each time the device is powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com