Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXM2102A
Description  Altimeter and Barometer System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXM2102A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN1979
Sensors
5
Freescale Semiconductor
Multiplexing of the microcontroller output pins allows
communication of the LCD to be accomplished with three pins
instead of eight or 11 I/O pins usually required. With an eight-
bit shift register, we are able to manually clock in eight bits of
data. The enable line, EN, is manually enabled when eight
bytes have been shifted in, telling the LCD the data on the data
bus is available to execute. The LCD will only be written to and
the contrast can be held at a constant brightness, allowing the
read/write and the VEE bits to be held low, also minimizing
additional I/O lines.
OTHER
This system is designed to run on a 9.0 V battery. It
contains a 5.0 V Regulator to provide a 5.0 V supply to the
pressure sensor, microcontroller, and LCD. The battery is
mounted on the back of the board using a space saving spring
battery clip.
ALTIMETER/BAROMETER SOFTWARE
This application note describes the software version that
was available during publication. However updated software
versions may be available with further functionality and menu
selections. Check our website update for updates to Sensor
Products Reference designs.
Software User Instructions
When the system is turned on or reset, the microcontroller
will flash the select LED and display the program title on the
LCD for five seconds or until the select (SEL) button is
pushed. Then the menu screen is displayed. Using the select
(SEL) push button, the user can scroll through the menu
options for a software program. To run the altimeter program,
use the (SEL) select button to high-light the “Alti/Barometer”
option, then press the enter (ENT) push button. The Altimeter
program will display current barometric pressure reading, the
calculated altitude in feet, a message displaying a simple
weather prediction such as “sunny”, “rainy”, “steady” without a
pressure change, and “history” before enough history is
collected to make a prediction. In the top right corner of the
display, a scrolling graphical history displays data points
representing the past forty pressure readings.
Calibration and Calibration Software
There are two forms of calibration for this system. The first
calibration is used for the barometer part of the system. This
calibration was already done before you received the
reference design and only needs to be done once per system.
To calibrate the barometer module, a two-point calibration is
performed using a highly accurate pressure generator. The
system takes a calibration point at 64 kPa and another at 105
kPa. Holding down both the SEL and ENT buttons on system
power-up will put the system into calibration mode. At this
point, the calibration menu will be displayed with the
previously sampled offset voltage. To recalibrate the system,
apply a pressure of 64 kPa and press the SEL button (PB1).
This A/D value is then saved to a location in the
microcontroller memory. To obtain the second calibration
point, using the accurate pressure generator apply a pressure
of 105 kPa directly to the sensor. Then press the ENT button
(PB2). This signal is similarly sampled, averaged and saved to
Table 3. Parts List
Ref
Qty.
Description
Value
Vendor
Part No.
U3
1
Pressure Sensor
1.0
Freescale
MPXM2102A
C1
1
VCC Cap
0.1 µF
Generic
C2
1
Op-Amp Cap
0.1 µF
Generic
C3
1
Shift Register Cap
0.1 µF
Generic
D1
1
Red LED
—
Generic
D2
1
Green LED
—
Generic
S2, S3
1
Push buttons
—
Generic
U1
1
Microcontroller
8-Pin
Freescale
MC68HC908QT4
U2
1
16x2 B&W LCD
16x2
Seiko
L168200J000
U4
1
Shift Register
—
Texas
74HC164
U5
1
Voltage Regulator
5.0 V
Fairchild
LM78L05ACH
U6
1
Quad Op-Amp
—
ADI
AD8544
R1, R4
1
1/4 W Resistor
10 K
Generic
R2, R3
2
1/4 W Resistor
1.0 K
Generic
R5, R6
2
1/4 W Resistor
3.65 K
Generic
R7, R8
2
1/4 W Resistor
10 K
Generic
R9, R11
2
1/4 W Resistor
1.0 K
Generic
R10, R12
2
1/4 W Resistor
200 K
Generic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com