Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821QTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 45Page - STMicroelectronics STMPE821QTR Datasheet HTML 46Page - STMicroelectronics STMPE821QTR Datasheet HTML 47Page - STMicroelectronics STMPE821QTR Datasheet HTML 48Page - STMicroelectronics STMPE821QTR Datasheet HTML 49Page - STMicroelectronics STMPE821QTR Datasheet HTML 50Page - STMicroelectronics STMPE821QTR Datasheet HTML 51Page - STMicroelectronics STMPE821QTR Datasheet HTML 52Page - STMicroelectronics STMPE821QTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
STMPE821
Electrical specifications
49/55
VIH
Input voltage
high state
(GPIO)
VIO = 2.7-3.6 V
0.75 VIO
−
VIO+0.3 V
V
VOL
Output voltage
low state
(GPIO)
VIO =2.7-3.6 V,
IOL =8 mA
-0.3 V
−
0.25 VIO
V
Table 13.
DC electrical characteristics (-40 - 85 °C unless otherwise stated)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com