Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC406D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC406D
Description  600 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC406D Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC406D Datasheet HTML 1Page - STMicroelectronics STPSC406D Datasheet HTML 2Page - STMicroelectronics STPSC406D Datasheet HTML 3Page - STMicroelectronics STPSC406D Datasheet HTML 4Page - STMicroelectronics STPSC406D Datasheet HTML 5Page - STMicroelectronics STPSC406D Datasheet HTML 6Page - STMicroelectronics STPSC406D Datasheet HTML 7Page - STMicroelectronics STPSC406D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPSC406
2/8
Doc ID 16283 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.20x IF(AV) + 0.3 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
11
A
IF(AV)
Average forward
current
DPAK, Tc = 110 °C, δ = 0.5
4
A
TO-220AC, Tc = 95 °C, δ = 0.5
IFSM
Surge non repetitive
forward current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
14
10
40
A
IFRM
Repetitive peak forward
current
DPAK, Tc = 115 °C, Tj = 150 °C, δ = 0.1
14
A
TO-220AC, Tc = 105 °C, Tj = 150 °C, δ = 0.1
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
T0-220AC
5.5
°C/W
DPAK
4.5
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
tp = 10 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-10
50
µA
Tj = 150 °C
-
60
500
VF
(2)
2.
tp = 500 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 4 A
-1.55
1.9
V
Tj = 150 °C
-
1.9
2.4
Table 5.
Other parameters
Symbol
Parameter
Test conditions
Typ.
Unit
Qc
Total capacitive charge
Vr = 400 V, IF = 4 A dIF/dt = -200 A/µs
Tj = 150 °C
3nC
C
Total capacitance
Vr = 0 V, Tc = 25 °C, F = 1 Mhz
200
pF
Vr = 400 V, Tc = 25 °C, F = 1 Mhz
20
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com