Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC406B-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC406B-TR
Description  600 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC406B-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC406B-TR Datasheet HTML 1Page - STMicroelectronics STPSC406B-TR Datasheet HTML 2Page - STMicroelectronics STPSC406B-TR Datasheet HTML 3Page - STMicroelectronics STPSC406B-TR Datasheet HTML 4Page - STMicroelectronics STPSC406B-TR Datasheet HTML 5Page - STMicroelectronics STPSC406B-TR Datasheet HTML 6Page - STMicroelectronics STPSC406B-TR Datasheet HTML 7Page - STMicroelectronics STPSC406B-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2009
Doc ID 16283 Rev 1
1/8
8
STPSC406
600 V power Schottky silicon carbide diode
Features
■ No or negligible reverse recovery
■ Switching behavior independent of
temperature
■ Dedicated to PFC boost diode
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide bandgap material
allows the design of a Schottky diode structure
with a 600 V rating. Due to the Schottky
construction no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
ST SiC diodes will boost the performance of PFC
operations in hard switching conditions.
Table 1.
Device summary
IF(AV)
4 A
VRRM
600 V
Tj (max)
175 °C
QC (typ)
3 nC
K
K
A
K
A
NC
TO-220AC
STPSC406D
DPAK
STPSC406B
www.st.com


Similar Part No. - STPSC406B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
Dedicated to PFC applications
27-Sep-2016
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC40065CW STMICROELECTRONICS-STPSC40065CW Datasheet
457Kb / 9P
Dedicated to PFC applications
27-Sep-2016
logo
Inchange Semiconductor ...
STPSC40065CW ISC-STPSC40065CW Datasheet
307Kb / 3P
Silicon Carbide Schottky Diode
logo
STMicroelectronics
STPSC40G12 STMICROELECTRONICS-STPSC40G12 Datasheet
490Kb / 10P
1200 V, 40 A power Schottky high surge silicon carbide diode
08-Nov-2022
More results

Similar Description - STPSC406B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
28-Sep-2009
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
600 V power Schottky silicon carbide diode
01-Mar-2011
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com