Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9402 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC9402
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9402 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC9402 Datasheet HTML 41Page - NXP Semiconductors P89LPC9402 Datasheet HTML 42Page - NXP Semiconductors P89LPC9402 Datasheet HTML 43Page - NXP Semiconductors P89LPC9402 Datasheet HTML 44Page - NXP Semiconductors P89LPC9402 Datasheet HTML 45Page - NXP Semiconductors P89LPC9402 Datasheet HTML 46Page - NXP Semiconductors P89LPC9402 Datasheet HTML 47Page - NXP Semiconductors P89LPC9402 Datasheet HTML 48Page - NXP Semiconductors P89LPC9402 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
P89LPC9402_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2009
45 of 60
NXP Semiconductors
P89LPC9402
8-bit microcontroller with accelerated two-clock 80C51 core
9.
Static characteristics
Table 12.
Static electrical characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V; fosc =12MHz
[2] -11
15
mA
VDD = 3.6 V; fosc =18MHz
[2] -17
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V; fosc =12MHz
[2] -
3.7
5
mA
VDD = 3.6 V; fosc =18MHz
[2] -6
8
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V; voltage
comparators powered
down
[2] -60
85
µA
IDD(tpd)
total Power-down mode supply
current
VDD = 3.6 V
[3] -9
25
µA
(dV/dt)r
rise rate
of VDD
-
-
2
mV/
µs
VDDR
data retention supply voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-level input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input voltage
SCL, SDA only
0.7VDD
-
5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-level output voltage
IOL =20mA;
VDD = 2.4 V to 3.6 V,
all ports, all modes except
high-Z
[4] -
0.6
1.0
V
IOL = 3.2 mA; VDD = 2.4 V
to 3.6 V; all ports; all
modes except high-Z
[4] -
0.2
0.3
V
VOH
HIGH-level output voltage
IOH = −20 µA;
VDD = 2.4 V to 3.6 V;
all ports;
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V;
all ports; push-pull mode
VDD − 0.7
VDD − 0.4
-
V
Vxtal
crystal voltage
with respect to VSS
−0.5
-
+4.0
V
Vn
voltage on any other pin
except XTAL1, XTAL2,
VDD, with respect to VSS
−0.5
-
+5.5
V
Ciss
input capacitance
[5] -
-
15
pF
IIL
LOW-level input current
VI = 0.4 V
[6] --
−80
µA
ILI
input leakage current
VI =VIL,VIH or Vth(HL)
[7] --
±10
µA
ITHL
HIGH-LOW transition current
all ports, VI = 1.5 V at
VDD = 3.6 V
[8]
−30
-
−450
µA
RRST_N(int) internal pull-up resistance on
pin RST
10
-
30
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com