Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331HDH Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC9331HDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331HDH Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC9331HDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 30Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 31Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 32Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 33Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 34Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 35Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 36Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
33 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.13 Memory organization
The various P89LPC9331/9341/9351/9361 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00H:FFH) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• XDATA (P89LPC9351/9361)
‘External’ Data or Auxiliary RAM. Duplicates the classic 80C51 64 kB memory space
addressed via the MOVX instruction using the DPTR, R0, or R1. All or part of this
space could be implemented on-chip. The P89LPC9351/9361 has 512 bytes of
on-chip XDATA memory, plus extended SFRs located in XDATA.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC9331/9341/9351/9361 has 4 kB/8 kB/16 kB of on-chip
Code memory.
The P89LPC9351/9361 also has 512 bytes of on-chip data EEPROM that is accessed via
SFRs (see Section 7.14).
7.14 Data RAM arrangement
The 768 bytes of on-chip RAM are organized as shown in Table 8.
7.15 Interrupts
The P89LPC9331/9341/9351/9361 uses a four priority level interrupt structure. This
allows great flexibility in controlling the handling of the many interrupt sources. The
P89LPC9331/9341/9351/9361 supports 15 interrupt sources: external interrupts 0 and 1,
timers 0 and 1, serial port TX, serial port RX, combined serial port RX/TX, brownout
detect, watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, SPI, CCU, data
EEPROM write/ADC completion.
Table 8.
On-chip data memory usages
Type
Data RAM
Size (bytes)
DATA
Memory that can be addressed directly and indirectly
128
IDATA
Memory that can be addressed indirectly
256
XDATA
Auxiliary (External Data) on-chip memory that is accessed
using the MOVX instructions (P89LPC9351/9361)
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com