Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8S105C4B6
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 21Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 22Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 23Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 24Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 25Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 26Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 27Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 28Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
Figure 6: SDIP 32-pin pinout
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
ADC_ETR/TIM2_CH2/PD3(HS)
[BEEP]TIM2_CH1/PD4(HS)
UART2_TX/PD5
UART2_RX/PD6
(TIM1_CH4)TLI/PD7
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
VCAP
VDD
VDDIO
AIN12/PF4
VDDA
[I2C_SDA]AIN5/PB5
PB4/AIN4[I2C_SCL]
PB3/AIN3[TIM1_ETR]
PB2/AIN2[TIM1_CH3N]
PB1/AIN1[TIM1_CH2N]
PB0/AIN0[TIM1_CH1N]
PE5/SPI_NSS
PC1(HS)/TIM1_CH1/UART2_CK
PC2(HS)/TIM1_CH2
PC3(HS)/TIM1_CH3
PC4(HS)/TIM1_CH4
PC5(HS)/SPI_SCK
PC6(HS)/SPI_MOSI
PC7(HS)/SPI_MISO
PD0(HS)/TIM3_CH2[TIM1_BKIN][CLK_CCO]
PD1(HS)/SWIM
PD2(HS)/TIM3_CH1[TIM2_CH3]
105_ai15057
VSSA
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (If the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
Table 6: Pin description for STM8S105 microcontrollers
Alternate
function after
remap
[option bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin
name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
SDIP32
LQFP32/
VFQFPN32/
UFQFPN32
LQFP44
LQFP48
Reset
X
I/O
NRST
6
1
1
1
Resonator/
Port A1
X
X
O1
X
X
I/O
PA1/
OSC
IN
7
2
2
2
crystal in
Resonator/
Port A2
X
X
O1
X
X
X
I/O
PA2/
OSC
OUT
8
3
3
3
crystal out
I/O ground
S
VSSIO_1
-
-
4
4
Digital ground
S
VSS
9
4
5
5
1.8 V regulator capacitor
S
VCAP
10
5
6
6
Digital power supply
S
VDD
11
6
7
7
I/O power supply
S
VDDIO_1
12
7
8
8
25/127
DocID14771 Rev 9
Pinout and pin description
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com