Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1502Y Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBLS1502Y
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS1502Y Datasheet(HTML) 3 Page - NXP Semiconductors

  PBLS1502Y Datasheet HTML 1Page - NXP Semiconductors PBLS1502Y Datasheet HTML 2Page - NXP Semiconductors PBLS1502Y Datasheet HTML 3Page - NXP Semiconductors PBLS1502Y Datasheet HTML 4Page - NXP Semiconductors PBLS1502Y Datasheet HTML 5Page - NXP Semiconductors PBLS1502Y Datasheet HTML 6Page - NXP Semiconductors PBLS1502Y Datasheet HTML 7Page - NXP Semiconductors PBLS1502Y Datasheet HTML 8Page - NXP Semiconductors PBLS1502Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PBLS1502Y_PBLS1502V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
3 of 14
NXP Semiconductors
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
5.
Limiting values
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
6.
Thermal characteristics
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Transistor TR1: PNP
VCBO
collector-base voltage
open emitter
-
−15
V
VCEO
collector-emitter voltage
open base
-
−15
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current (DC)
-
−500
mA
ICM
peak collector current
tp ≤ 1 ms; δ≤ 0.02
-
−1A
IB
base current (DC)
-
−50
mA
IBM
peak base current
tp ≤ 1 ms; δ≤ 0.02
-
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
200
mW
Transistor TR2: NPN
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+30
V
negative
-
−10
V
IO
output current (DC)
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
200
mW
Per device
Ptot
total power dissipation
-
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] -
-
416
K/W
SOT666
[1][2] -
-
416
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com