Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1502V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS1502V
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS1502V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS1502V Datasheet HTML 2Page - NXP Semiconductors PBLS1502V Datasheet HTML 3Page - NXP Semiconductors PBLS1502V Datasheet HTML 4Page - NXP Semiconductors PBLS1502V Datasheet HTML 5Page - NXP Semiconductors PBLS1502V Datasheet HTML 6Page - NXP Semiconductors PBLS1502V Datasheet HTML 7Page - NXP Semiconductors PBLS1502V Datasheet HTML 8Page - NXP Semiconductors PBLS1502V Datasheet HTML 9Page - NXP Semiconductors PBLS1502V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PBLS1502Y_PBLS1502V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 August 2009
6 of 14
NXP Semiconductors
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
Tamb = 25 °C
(1) IB =−7.0 mA
(2) IB =−6.3 mA
(3) IB =−5.6 mA
(4) IB =−4.9 mA
(5) IB =−4.2 mA
(6) IB =−3.5 mA
(7) IB =−2.8 mA
(8) IB =−2.1 mA
(9) IB =−1.4 mA
(10) IB =−0.7 mA
IC/IB = 20
(1) Tamb =−55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig 5.
TR1(PNP): Collector current as a function of
collector-emitter voltage; typical values
Fig 6.
TR1(PNP): Equivalent on-resistance as a
function of collector current; typical values
VCE (V)
0
−10
−8
−4
−6
−2
001aaa182
−400
−800
−1200
IC
(mA)
0
(1)
(2)
(3)
(4)
(6)
(9)
(8)
(10)
(7)
(5)
001aaa186
IC (mA)
−10−1
−103
−102
−1
−10
1
10
102
103
RCEsat
(
Ω)
10−1
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com