Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS1504Y Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBLS1504Y
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS1504Y Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBLS1504Y Datasheet HTML 3Page - NXP Semiconductors PBLS1504Y Datasheet HTML 4Page - NXP Semiconductors PBLS1504Y Datasheet HTML 5Page - NXP Semiconductors PBLS1504Y Datasheet HTML 6Page - NXP Semiconductors PBLS1504Y Datasheet HTML 7Page - NXP Semiconductors PBLS1504Y Datasheet HTML 8Page - NXP Semiconductors PBLS1504Y Datasheet HTML 9Page - NXP Semiconductors PBLS1504Y Datasheet HTML 10Page - NXP Semiconductors PBLS1504Y Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PBLS1504Y_PBLS1504V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 25 August 2009
7 of 14
NXP Semiconductors
PBLS1504Y; PBLS1504V
15 V PNP BISS loadswitch
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Fig 7.
TR1(PNP): Collector-emitter saturation voltage
as a function of collector current; typical
values
Fig 8.
TR1(PNP): Equivalent-on resistance as a
function of collector current; typical values
006aaa004
−10−1
−10−2
−1
VCEsat
(V)
−10−3
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
006aaa005
IC (mA)
−10−1
−103
−102
−1
−10
1
10
102
103
RCEsat
(
Ω)
10−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com