Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2002D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS2002D
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2002D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS2002D Datasheet HTML 2Page - NXP Semiconductors PBLS2002D Datasheet HTML 3Page - NXP Semiconductors PBLS2002D Datasheet HTML 4Page - NXP Semiconductors PBLS2002D Datasheet HTML 5Page - NXP Semiconductors PBLS2002D Datasheet HTML 6Page - NXP Semiconductors PBLS2002D Datasheet HTML 7Page - NXP Semiconductors PBLS2002D Datasheet HTML 8Page - NXP Semiconductors PBLS2002D Datasheet HTML 9Page - NXP Semiconductors PBLS2002D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PBLS2002D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2009
6 of 16
NXP Semiconductors
PBLS2002D
20 V PNP BISS loadswitch
7.
Characteristics
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −20 V; IE =0A
-
-
−0.1
µA
VCB = −20 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −20 V; VBE =0V
-
-
−0.1
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−0.1
µA
hFE
DC current gain
VCE = −2 V; IC = −1 mA
220
495
-
VCE = −2 V; IC = −100 mA
220
440
-
VCE = −2 V; IC = −500 mA
[1] 220
310
-
VCE = −2 V; IC = −1A
[1] 155
220
-
VCE = −2 V; IC = −2A
[1] 60
120
-
VCEsat
collector-emitter
saturation voltage
IC = −100 mA; IB = −1mA
-
−55
−90
mV
IC = −500 mA; IB = −50 mA
[1] -
−100
−150
mV
IC = −1 A; IB = −50 mA
[1] -
−200
−300
mV
IC = −1 A; IB = −100 mA
[1] -
−185
−280
mV
RCEsat
collector-emitter
saturation resistance
IC = −1 A; IB = −100 mA
[1] -
185
280
m
Ω
VBEsat
base-emitter
saturation voltage
IC = −1 A; IB = −50 mA
[1] -
−0.95 −1.1
V
IC = −1 A; IB = −100 mA
[1] -
−1
−1.1
V
VBEon
base-emitter
turn-on voltage
VCE = −5 V; IC = −1A
[1] -
−0.85 −1.1
V
td
delay time
IC = −1 A; IBon = −50 mA;
IBoff =50mA
-8
-
ns
tr
rise time
-
34
-
ns
ton
turn-on time
-
42
-
ns
ts
storage time
-
140
-
ns
tf
fall time
-
45
-
ns
toff
turn-off time
-
185
-
ns
fT
transition frequency
IC = −50 mA; VCE = −10 V;
f = 100 MHz
150
185
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-15
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com