Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6024D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PBLS6024D
Description  60 V, 1.5 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS6024D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PBLS6024D Datasheet HTML 8Page - NXP Semiconductors PBLS6024D Datasheet HTML 9Page - NXP Semiconductors PBLS6024D Datasheet HTML 10Page - NXP Semiconductors PBLS6024D Datasheet HTML 11Page - NXP Semiconductors PBLS6024D Datasheet HTML 12Page - NXP Semiconductors PBLS6024D Datasheet HTML 13Page - NXP Semiconductors PBLS6024D Datasheet HTML 14Page - NXP Semiconductors PBLS6024D Datasheet HTML 15Page - NXP Semiconductors PBLS6024D Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PBLS6024D_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 August 2009
13 of 16
NXP Semiconductors
PBLS6024D
60 V, 1.5 A PNP BISS loadswitch
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 20. Package outline SOT457 (SC-74)
04-11-08
Dimensions in mm
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
13
2
4
5
6
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PBLS6024D
SOT457
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com