Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08DZ96F2CLL Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # S9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08DZ96F2CLL Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button S9S08DZ96F2CLL Datasheet HTML 69Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 70Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 71Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 72Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 73Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 74Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 75Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 76Page - Freescale Semiconductor, Inc S9S08DZ96F2CLL Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 458 page
background image
Chapter 4 Memory
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
73
NOTE
The FCBEF flag will not set after launching the sector erase abort command.
If an attempt is made to start a new command write sequence with a sector
erase abort operation active, the FACCERR flag in the FSTAT register will
be set. A new command write sequence may be started after clearing the
ACCERR flag, if set.
NOTE
The sector erase abort command should be used sparingly since a sector
erase operation that is aborted counts as a complete program/erase cycle.
4.6.6
Access Errors
An access error occurs whenever the command execution protocol is violated.
Any of the following specific actions will cause the access error flag (FACCERR) in FSTAT to be set.
FACCERR must be cleared by writing a 1 to FACCERR in FSTAT before any command can be processed.
•
Writing to a FLASH address before the internal FLASH and EEPROM clock frequency has been
set by writing to the FCDIV register.
•
Writing to a FLASH address while FCBEF is not set. (A new command cannot be started until the
command buffer is empty.)
•
Writing a second time to a FLASH address before launching the previous command. (There is only
one write to FLASH for every command.)
•
Writing a second time to FCMD before launching the previous command. (There is only one write
to FCMD for every command.)
•
Writing to any FLASH control register other than FCMD after writing to a FLASH address.
•
Writing any command code other than the six allowed codes (0x05, 0x20, 0x25, 0x40, 0x41, or
0x47) to FCMD.
•
Accessing (read or write) any FLASH control register other than to write to FSTAT (to clear
FCBEF and launch the command) after writing the command to FCMD.
•
The MCU enters stop mode while a program or erase command is in progress. (The command is
aborted.)
•
Writing the byte program, burst program, sector erase or sector erase abort command code (0x20,
0x25, 0x40, or 0x47) with a background debug command while the MCU is secured. (The
background debug controller can do blank check and mass erase commands only when the MCU
is secure.)
•
Writing 0 to FCBEF to cancel a partial command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com