Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08DV96F2CLL Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # S9S08DV96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08DV96F2CLL Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button S9S08DV96F2CLL Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 40Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 41Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 42Page - Freescale Semiconductor, Inc S9S08DV96F2CLL Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 458 page
background image
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
39
Chapter 3
Modes of Operation
3.1
Introduction
The operating modes of the MC9S08DZ128 Series are described in this chapter. Entry into each mode,
exit from each mode, and functionality while in each of the modes are described.
3.2
Features
•
Active background mode for code development
•
Wait mode — CPU shuts down to conserve power; system clocks are running and full regulation
is maintained
•
Stop modes — System clocks are stopped and voltage regulator is in standby
— Stop3 — All internal circuits are powered for fast recovery
— Stop2 — Partial power down of internal circuits; RAM content is retained
3.3
Run Mode
This is the normal operating mode for the MC9S08DZ128 Series. This mode is selected when the
BKGD/MS pin is high at the rising edge of reset. In this mode, the CPU executes code from internal
memory with execution beginning at the address fetched from memory at 0xFFFE–0xFFFF after reset.
3.4
Active Background Mode
The active background mode functions are managed through the background debug controller (BDC) in
the HCS08 core. The BDC, together with the on-chip debug module (DBG), provide the means for
analyzing MCU operation during software development.
Active background mode is entered in any of five ways:
•
When the BKGD/MS pin is low at the rising edge of reset
•
When a BACKGROUND command is received through the BKGD/MS pin
•
When a BGND instruction is executed
•
When encountering a BDC breakpoint
•
When encountering a DBG breakpoint
After entering active background mode, the CPU is held in a suspended state waiting for serial background
commands rather than executing instructions from the user application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com