Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6125FF750-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 6125FF750-R
Description  Fast-Acting Subminiature Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

6125FF750-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  6125FF750-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 6125FF750-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting surface mount fuse
• Overcurrent protection of systems up to 125Vac/72Vdc
• High inrush withstand capability
• Solder immersion compatible
Agency Information
•
Recognition File: E19180
Environmental Data
• Operating temperature: -55°C to 125°C
• Mechanical shock: MIL-STD-202, Method 213
• High frequency vibration: MIL-STD-202, Method 204
• Load humidity: MIL-STD-202, Method 103
• Moisture resistance: MIL-STD-202, Method 106
• Resistance to solvents: MIL-STD-202, Method 215
• Thermal shock: MIL-STD-202, Method 107
Ordering
• Specify packaging and product code
(i.e., TR2/6125FF500-R)
Soldering Method
• Wave immersion: 260°C, 10 Sec. max.
• Solder reflow: 260°C, 30 Sec. max.
Electrical Characteristics
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200%
5 Second Maximum
2.6
3.0
(0.102)
(0.118)
4.0
(0.157)
8.6
(0.338)
Recommended Pad Layout - mm (in)
Dimensions - mm (in)
Surface Mount Device
*
AC Interrupting Rating (Measured at designated voltage, 100% power factor); DC Interrupting Rating (Measured at designated voltage, time constant of less than 50
microseconds, battery source)
** Typical Melting I2t (Measured at 72Vdc, 10X rated current (not exceed 50A - IR @ 72Vdc)
Specifications
Part
Current
Voltage
Interrupting
DC Cold
Melting
Typical
Number
Rating
Rating
Rating (amps)
Resistance
I2t
Voltage
(amps)
Vac
Vdc
125Vac
72Vdc
32Vdc
(m
Ω
Ω) Typ.
(A2 sec)
Drop (mV)
6125FF500-R
500mA
125
72
50
50
300
750
0.08
605
6125FF750-R
750mA
125
72
50
50
300
350
0.152
433
6125FF1-R
1
125
72
50
50
300
260
0.22
415
6125FF1.25-R
1.25
125
72
50
50
300
171
0.355
410
6125FF1.5-R
1.5
125
72
50
50
300
112
0.456
365
6125FF2-R
2
125
72
50
50
300
49
1.67
160
6125FF2.5-R
2.5
125
72
50
50
300
45
5.20
155
6125FF3-R
3
125
72
50
50
300
35
6.24
153
6125FF3.5-R
3.5
125
72
50
50
300
27
7.28
150
6125FF4-R
4
125
72
50
50
300
26
7.4
145
6125FF5-R
5
125
72
50
50
300
17
9.5
141
6125FF6.3-R
6.3
125
72
50
50
300
14
15.1
135
6125FF7-R
7
125
72
50
50
300
11
37.25
112
6125FF8-R
8
125
72
50
50
300
8.7
70
110
6125FF10-R
10
125
72
50
50
300
7.3
67.75
110
6125FF12-R
12
125
72
50
50
300
5.3
210.59
106
6125FF15-R
15
125
72
50
50
300
4.2
296.10
104
1009
BU-SB09935
Page 1 of 2
Data Sheet 4326
Fast-Acting Subminiature Fuses
6125FF Series


Similar Part No. - 6125FF750-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6125FF750-R COOPER-6125FF750-R Datasheet
771Kb / 6P
Fast-acting subminiature fuses
logo
Eaton All Rights Reserv...
6125FF750-R EATON-6125FF750-R Datasheet
771Kb / 6P
Fast-acting subminiature fuses
More results

Similar Description - 6125FF750-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3 COOPER-PCB-3 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
6125FF2-R COOPER-6125FF2-R_15 Datasheet
771Kb / 6P
Fast-acting subminiature fuses
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Eaton All Rights Reserv...
6125FF EATON-6125FF Datasheet
771Kb / 6P
Fast-acting subminiature fuses
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
Subminiature radial leaded fast-acting fuses
SS-5FH EATON-SS-5FH Datasheet
1Mb / 4P
Subminiature fast-acting fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com