Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223X0004 Datasheet(PDF) 4 Page - CUI INC

Part # M223X0004
Description  M22 3 with AMT1 03 kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M223X0004 Datasheet(HTML) 4 Page - CUI INC

  M223X0004 Datasheet HTML 1Page - CUI INC M223X0004 Datasheet HTML 2Page - CUI INC M223X0004 Datasheet HTML 3Page - CUI INC M223X0004 Datasheet HTML 4Page - CUI INC M223X0004 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18.0 0.709
34.21 1.347
Website: www.cui.com
NOTE 1: 4mm opening for 24AWG power leads to be covered with heat
SPECIFIED
A
SPECIFICATIONS:
±0.3mm UNLESS OTHERWISE
TOLERANCE:
shrink, power leads to be tied into 50mm diameter bundle.
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
M223X0003
M223 WITH AMT103 KIT
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
M223X0003
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
1:1
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/3/2009
REDUCTION
ENCODER
AMT ADAPTER
GEAR
AMT 103
DC MOTOR
see Note 1
0.079
4.0
2.0
0.138
3.5
0.157
0.315
8.0
0.543
13.8
14.0 0.551
M2X4
(4 PLCS)
12.0 0.472
1.126
28.60
R15.5 0.610
23.75 0.935
0.866
22.0
0.854
21.7
2.350
59.7
3.447
87.55
11.0 0.433



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com