Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-80
Description  switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80 Datasheet(HTML) 3 Page - CUI INC

  VOF-80 Datasheet HTML 1Page - CUI INC VOF-80 Datasheet HTML 2Page - CUI INC VOF-80 Datasheet HTML 3Page - CUI INC VOF-80 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
rev.
page
date
DESCRIPTION: switching power supply
3 of 4
02/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VOF-80
(performace evaluations conducted under this mounting method)
Horizontal
MOUNTING METHOD
MECHANICAL
parameter
conditions/description
dimensions
4” (102 mm) x 2” (51 mm) x 1.28” (32.6 mm)
weight
0.2 Kg
cooling method
free air convection or forced air (see derating curves below)
MATING CONNECTORS
parameter
conditions/description
ac input (CN1)
mates with Molex housing 09-50-7031 with Molex 2878 series crimp contact
dc output (CN2)
mates with Molex housing 09-50-7061 with Molex 2878 series crimp contact



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com