Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80-5 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-80-5
Description  switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80-5 Datasheet(HTML) 4 Page - CUI INC

  VOF-80-5 Datasheet HTML 1Page - CUI INC VOF-80-5 Datasheet HTML 2Page - CUI INC VOF-80-5 Datasheet HTML 3Page - CUI INC VOF-80-5 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CN2
1
2
3
4
5
6
1
2
3
CN1
94.0 3.701
51.0 2.008
4.016
102.0
1.693
43.0
3.5 0.138
(4 PLCS)
MOUNTING HOLE
1.283
32.6
1.6 0.063
3.0 MAX
(LEAD)
TOLERANCE: ±1.0mm
-V
6
5
+V
B
FOR INSPECTION
CRITICAL DIMENSIONS
NOTES:
CN1
CN2
Website: www.cui.com
RoHS
4
-V
3
-V
2
+V
+V
1
3
N
2
1
L
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
no pin
1:1
VOF-80 MECHANICAL DRAWING
COPYRIGHT 2010 BY CUI INC.
TITLE:
MM [INCHES]
VOF-80-mech
VOF-80-mech
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/15/2009
B
updated pin designation
4/1/2010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com