Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9501D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9501D
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9501D Datasheet HTML 1Page - NXP Semiconductors PCA9501D Datasheet HTML 2Page - NXP Semiconductors PCA9501D Datasheet HTML 3Page - NXP Semiconductors PCA9501D Datasheet HTML 4Page - NXP Semiconductors PCA9501D Datasheet HTML 5Page - NXP Semiconductors PCA9501D Datasheet HTML 6Page - NXP Semiconductors PCA9501D Datasheet HTML 7Page - NXP Semiconductors PCA9501D Datasheet HTML 8Page - NXP Semiconductors PCA9501D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
2 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
I Low standby current
I Operating power supply voltage range of 2.5 V to 3.6 V
I 5 V tolerant inputs/outputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO20, TSSOP20, HVQFN20
3.
Applications
I Board version tracking and configuration
I Board health monitoring and status reporting
I Multi-card systems in telecom, networking, and base station infrastructure equipment
I Field recall and troubleshooting functions for installed boards
I General-purpose integrated I/O with memory
I Replacement for PCF8574 with integrated 2-kbit EEPROM
I Bus master sees GPIO and EEPROM as two separate devices
I Six hardware address pins allow up to 64 PCA9501s to be located in the same
I2C-bus/SMBus
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9501D
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
PCA9501PW
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
PCA9501BS
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
× 5 × 0.85 mm
SOT662-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9501D
PCA9501D
−40 °C to +85 °C
PCA9501PW
PCA9501
−40 °C to +85 °C
PCA9501BS
9501
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com