Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR230F Datasheet(PDF) 1 Page - Tyco Electronics

Part # VLR230F
Description  Overcurrent Protection Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR230F Datasheet(HTML) 1 Page - Tyco Electronics

  VLR230F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: VLR230F
DOCUMENT: SCD 25580
PCN: D03587
REV LETTER: C
REV DATE: JUNE 25, 2007
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Operating Voltage: 12Vdc
Interrupt Current:
100A
Chip Size: 5 X 12mm
Leads: Nickel 1/4H
0.125mm nominal thickness
Solder: Lead-free
Tape: Polyester (White)
13 mm nominal width
Marking: (Color: Green)
Manufacturer's Mark
R23
Lot Identification
Part Identification
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
20.9
23.1
4.9
5.3
---
0.8
4.1
5.8
4.1
5.8
3.9
4.1
in*:
(0.82)
(0.91)
(0.19)
(0.21)
--
(0.03)
(0.16)
(0.23)
(0.16)
(0.23)
(0.15)
(0.16)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENCE
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
25°C
AMPS
AT 0°C
AMPS
AT 25°C
AMPS
AT 60°C
AMPS
AT --°C
SECONDS AT
25°C, 10.0A
OHMS
AT 25°C
OHMS
AT 25°C
WATTS AT
25°C, 12V
HOLD
HOLD
TRIP
HOLD TRIP HOLD
TRIP HOLD TRIP
TYP
MAX
MIN
MAX
TYP
MAX
TYP
MAX
2.3
3.4
6.6
2.3
5.0
0.9
2.3
---
---
2.4
5
0.012
0.018
0.031
0.036
1.4
2.5
Agency Recognitions:
UL, TUV, CSA
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information:
ROHS Compliant
ELV Compliant
Pb-Free
© 2005, 2007 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - VLR230F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR230F MACOM-VLR230F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
VLR230F MACOM-VLR230F Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
VLR230F LITTELFUSE-VLR230F Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - VLR230F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
AGRF1100 LITTELFUSE-AGRF1100 Datasheet
354Kb / 2P
Overcurrent Protection Device
AHEF1000 LITTELFUSE-AHEF1000 Datasheet
262Kb / 2P
Overcurrent Protection Device
AHRF100 LITTELFUSE-AHRF100 Datasheet
335Kb / 2P
Overcurrent Protection Device
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
Overcurrent Protection Device
AHRF1300 LITTELFUSE-AHRF1300 Datasheet
278Kb / 2P
Overcurrent Protection Device
ASMD150F LITTELFUSE-ASMD150F Datasheet
97Kb / 2P
Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
Overcurrent Protection Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com