Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308-RDB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8308-RDB
Description  MPC8308 PowerQUICC II Pro processor up
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308-RDB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8308-RDB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8308-RDB Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Learn More:
For current information about Freescale
products and documentation, please visit
www.freescale.com.
The MPC8308-RDB BSP takes advantage
of the Linux Target Image Builder (LTIB)—a
suite of tools that leverages existing open
source configuration scripts and source code
packages combining them all into a single
BSP generation bundle. The source code
packages, include boot loaders and Linux
kernel sources, as well as many user-space
source code packages, to build a complete
BSP. The LTIB also provides compiler
packages required to build the BSP. Freescale
developers use the LTIB to create BSPs for a
multitude of Freescale development markets.
The LTIB leverages as many BSP elements as
possible for all Freescale markets supported,
while offering the flexibility necessary to
customize components that require platform-
specific modifications.
Many third-party applications are available for
the MPC8308-RDB. They are typically built
on top of the BSP delivered by Freescale
and can be installed on the hard disk. To
see demonstrations or to acquire details of
Freescale’s third-party applications for this
platform, please contact your local Freescale
sales office.
MPC8308-RDB Features
• MPC8308PowerQUICCIIProprocessorup
to 333/266 MHz (CPU/DDR2)
• Ethernet
4-port Gigabit Ethernet switch,
supporting RGMII/MII
Single Gigabit Ethernet PHY (RGMII)
• PCIExpressinterconnect
Mini PCI Express for WLAN
• TwoI2C
Connected to real-time clock
May be eliminated using the MCU
• DualUART
Connectors for debug connectivity
• Localbus
NAND flash/NOR flash memory
• High-SpeedUSB2.0
Single USB 2.0 supporting host, device
or OTG
• Memory
32-bit DDR2 with population option
for 16-bit
• eSDHC
Single-port SD/MMC connector
• IEEE® 1588v2 support for timing
synchronization
The MPC8308-RDB reference platform
contents:
• MPC8308-RDBboard
• Cables
• Powersupply
• Billofmaterials
• Schematics
• Gerberfiles
• Userguide
• Freesix-monthevaluationlicensefor
CodeWarrior™ tools
The MPC8308-RDB is $299USD.
Freescale and the Freescale logo are trademarks or registered trademarks of Freescale Semiconductor, Inc.
in the U.S. and other countries. All other product or service names are the property of their respective owners.
The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are
trademarks and service marks licensed by Power.org. © Freescale Semiconductor, Inc. 2009.
Document Number: MPC8308RDBFS
REV 0
MPC8308-RDB Block Diagram
Coherent System Bus
Mini PCI Express
Slot
DDR2
SDRAM Controller
DUART,
2 x I2C,
SPI,
Timers,
GPIO,
Interrupt Control
USB 2.0 Host
or Device
16 KB
L1 I-Cache
e300 Core
16 KB
L1 D-Cache
x32 128 MB
DDR2 DIMM
8 MB NOR Flash
Gigabit Ethernet
PHY
32 MB NAND Flash
UART
UART
RS-232
RS-232
I2C
SPI
PB
IR
LEDs
Temp.
MCU
2 x Gigabit
Ethernet
PCI
Express®
2 x RGMII/MII
Local Bus
SD/MMC
eSDHC
USB Host/
Device/OTG
RJ45
RJ45
RJ45
RJ45
RJ45
Vitesse
Gigabit Ethernet
Switch
RJ45
Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com