Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX28-141M-R05 Datasheet(PDF) 2 Page - Tyco Electronics

Part # GTCX28-141M-R05
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX28-141M-R05 Datasheet(HTML) 2 Page - Tyco Electronics

  GTCX28-141M-R05 Datasheet HTML 1Page - Tyco Electronics GTCX28-141M-R05 Datasheet HTML 2Page - Tyco Electronics GTCX28-141M-R05 Datasheet HTML 3Page - Tyco Electronics GTCX28-141M-R05 Datasheet HTML 4Page - Tyco Electronics GTCX28-141M-R05 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GTCX26-XXXM-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD 27654
Status: Released
© 2009 Tyco Electronics Corporation. All rights reserved.
2
Rev: A
Date: March 25, 2009
GTCX28-XXXM-R05 Series
Device Voltage Ratings and Part Marking
Device Surge Rating, Capacitance, Insulation
Part Number
DC Sparkover
Impulse
Sparkover
DC Holdover
Voltage
On-State Voltage
@100V/s
±20% Tolerance
(V)
@100 V/µs (V)
@1000 V/µs (V)
Per ITU K.12
(<150ms)
(V)
Nominal
(@ 1A)
(V)
GTCX28-750M-R05
75
450
550
<52
20
GTCX28-900M-R05
90
450
550
<52
20
GTCX28-141M-R05
140
500
600
<80
20
GTCX28-151M-R05
150
500
600
<80
20
GTCX28-201M-R05
200
600
700
<135
20
GTCX28-231M-R05
230
600
700
<135
20
GTCX28-251M-R05
250
600
700
<135
20
GTCX28-261M-R05
260
700
800
<135
20
GTCX28-301M-R05
300
800
900
<150
20
GTCX28-351M-R05
350
900
1000
<150
20
GTCX28-401M-R05
400
900
1000
<150
20
GTCX28-421M-R05
420
900
1000
<150
20
GTCX28-471M-R05
470
1050
1150
<150
20
GTCX28-501M-R05
500
1100
1200
<150
20
GTCX28-551M-R05
550
1300
1400
<150
20
GTCX28-601M-R05
600
1300
1400
<150
20
Note:X options: S: Surface-mount; A: Axial-leaded; N: No-leaded
Part Marking : XX = lot code
Part Number
Impulse
Discharge
Current
Impulse
Life
AC
Discharge
Current
(1sec duration;
10 hits)
Capacitance
Insulation
Resistance
UL
Rating
8x20µs
10 hits
10x1000µs
300 hits
@50 Hz
@1Mhz*
@100V**
UL497B
#E179610
GTCX28-XXXM-R05
5kA
100A
5Arms
<1pF
10,000 (MΩ)
All Devices
* <1.2pF for 75V and 90V devices
** Devices <=150V measured @ 50V; Devices >=500V measured @ 250V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com