Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9533D/02 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9533D/02
Description  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533D/02 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9533D/02 Datasheet HTML 2Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 3Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 4Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 5Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 6Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 7Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 8Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 9Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
6 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
6.3.4 PCS1 - Frequency Prescaler 1
PSC1 is used to program the period of the PWM output.
The period of BLINK1 = (PSC1 + 1) / 152.
6.3.5 PWM1 - Pulse Width Modulation 1
The PWM1 register determines the duty cycle of BLINK1. The outputs are LOW (LED on)
when the count is less than the value in PWM1 and HIGH (LED off) when it is greater. If
PWM1 is programmed with 00h, then the PWM1 output is always HIGH (LED off).
The duty cycle of BLINK1 = PWM1 / 256.
6.3.6 LS0 - LED selector
The LSn LED selector register determines the source of the LED data.
00 = output is set high-impedance (LED off; default)
01 = output is set LOW (LED on)
10 = output blinks at PWM0 rate
11 = output blinks at PWM1 rate
Table 8.
PSC1 - Frequency Prescaler 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC1[7]
PSC1[6]
PSC1[5]
PSC1[4]
PSC1[3]
PSC1[2]
PSC1[1]
PSC1[0]
Default
00000000
Table 9.
PWM1 - Pulse Width Modulation 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM1
[7]
PWM1
[6]
PWM1
[5]
PWM1
[4]
PWM1
[3]
PWM1
[2]
PWM1
[1]
PWM1
[0]
Default
10000000
Table 10.
LS0 - LED selector register bit description
Legend: * default value.
Register
Bit
Value
Description
LS0
7:6
00*
LED3 selected
5:4
00*
LED2 selected
3:2
00*
LED1 selected
1:0
00*
LED0 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com