Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540BDP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9540BDP
Description  2-channel I2C-bus multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9540BDP Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9540BDP Datasheet HTML 1Page - NXP Semiconductors PCA9540BDP Datasheet HTML 2Page - NXP Semiconductors PCA9540BDP Datasheet HTML 3Page - NXP Semiconductors PCA9540BDP Datasheet HTML 4Page - NXP Semiconductors PCA9540BDP Datasheet HTML 5Page - NXP Semiconductors PCA9540BDP Datasheet HTML 6Page - NXP Semiconductors PCA9540BDP Datasheet HTML 7Page - NXP Semiconductors PCA9540BDP Datasheet HTML 8Page - NXP Semiconductors PCA9540BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PCA9540B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2009
3 of 22
NXP Semiconductors
PCA9540B
2-channel I2C-bus multiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for XSON8U
PCA9540BD
SCL
SC1
SDA
SD1
VDD
VSS
SD0
SC0
002aae713
1
2
3
4
6
5
8
7
PCA9540BDP
SCL
SC1
SDA
SD1
VDD
VSS
SD0
SC0
002aae714
1
2
3
4
6
5
8
7
002aae753
PCA9540BGD
Transparent top view
8
7
6
5
1
2
3
4
SCL
SDA
VDD
SD0
SC1
SD1
VSS
SC0
Table 2.
Pin description
Symbol
Pin
Description
SCL
1
serial clock line
SDA
2
serial data line
VDD
3
supply voltage
SD0
4
serial data 0
SC0
5
serial clock 0
VSS
6
supply ground
SD1
7
serial data 1
SC1
8
serial clock 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com