Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSMD005F Datasheet(PDF) 1 Page - Tyco Electronics

Part # MICROSMD005F
Description  PolySwitch짰PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MICROSMD005F Datasheet(HTML) 1 Page - Tyco Electronics

  MICROSMD005F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA
94025
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: microSMD005F
DOCUMENT:
SCD 25058
PCN:
D97493, RF0400
REV LETTER: D
REV DATE: JANUARY 12, 2006
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 30VDC
Current:
10A
Notes:
1. All terminations are tin plated.
2. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
3.00
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.20
in:
(0.118)
(0.135) (0.019) (0.034) (0.092) (0.110) (0.010) (0.030) (0.008)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 20°C
AMPERES
AT
60°C
SECONDS
AT 20°C, 0.25A
OHMS
AT 20°C
WATTS AT
20°C, 30V
HOLD TRIP HOLD
TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
0.06
0.18
0.05
0.15
0.03
0.09
1.5
3.6
50.0
1.0
*Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5 ounce copper traces.
Agency Recognition:
UL, CSA, TÜV
Reference Documents:
PS300, E. N. SMD1.0x
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2006 Tyco Electronics Corporation.
All rights reserved.


Similar Part No. - MICROSMD005F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
microSMD005F MACOM-microSMD005F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
microSMD005F MACOM-microSMD005F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
MICROSMD005F MACOM-MICROSMD005F Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MICROSMD005F LITTELFUSE-MICROSMD005F Datasheet
96Kb / 2P
PolySwitch PTC Devices
MICROSMD005F LITTELFUSE-MICROSMD005F Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
More results

Similar Description - MICROSMD005F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
47Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
VLR170UF MACOM-VLR170UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com