Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9665D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9665D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9665D Datasheet HTML 1Page - NXP Semiconductors PCA9665D Datasheet HTML 2Page - NXP Semiconductors PCA9665D Datasheet HTML 3Page - NXP Semiconductors PCA9665D Datasheet HTML 4Page - NXP Semiconductors PCA9665D Datasheet HTML 5Page - NXP Semiconductors PCA9665D Datasheet HTML 6Page - NXP Semiconductors PCA9665D Datasheet HTML 7Page - NXP Semiconductors PCA9665D Datasheet HTML 8Page - NXP Semiconductors PCA9665D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
PCA9665_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 12 August 2008
2 of 90
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
3.
Applications
I Add I2C-bus port to controllers/processors that do not have one
I Add additional I2C-bus ports to controllers/processors that need multiple I2C-bus ports
I Converts 8 bits of parallel data to serial data stream to prevent having to run a large
number of traces across the entire printed-circuit board
4.
Ordering information
Table 1.
Ordering information
Tamb = −40 °C to +85 °C.
Type number
Topside
mark
Package
Name
Description
Version
PCA9665BS
9665
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
× 5 × 0.85 mm
SOT662-1
PCA9665D
PCA9665D
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCA9665N
PCA9665N
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
PCA9665PW
PCA9665
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com