Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSMD110 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MICROSMD110
Description  PolySwitch짰PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MICROSMD110 Datasheet(HTML) 1 Page - Tyco Electronics

  MICROSMD110 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raychem Corporation
300 Constitution Drive
Menlo Park, CA 94025
800-227-4856
FAX 800-227-4866
R
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: microSMD110
DOCUMENT: SCD24404
PCN: 848919
REV LETTER: D
REV DATE: FEBRUARY 26, 2000
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6VDC
Current: 40A
Notes:
1. All terminations are tin/lead plated.
2. Devices can be wave soldered.
3. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MIN
mm:
3.00
3.43
2.35
2.80
0.28
0.48
0.25
0.20
in:*
0.118 0.135
0.092
0.111
0.011
0.019
0.010
0.008
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD **
RATED
CURRENT
CURRENT TRIP LIMITS**
TIME TO
TRIP **
RESISTANCE
VALUES
TRIPPED-
STATE POWER
DISSIPATION**
AMPERES
AT 20°C
AMPERES
AT -40°C
AMPERES
AT 20°C
AMPERES
AT 60°C
SECONDS
AT 20°C, 5A
SECONDS
AT 20°C, 8A
OHMS
AT 20°C
WATTS AT
20°C, 6V
HOLD
HOLD TRIP HOLD
TRIP HOLD TRIP
MAX
MAX
MIN
MAX*
MAX
1.10
1.60
3.20
1.10
2.20
0.80
1.60
1.0
0.2
0.07
0.21
0.8
*Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5 ounce copper traces.
Reference Documents:
PS300, E. N. SMD1.0x
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - MICROSMD110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MICROSMD110F MACOM-MICROSMD110F Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
microSMD110F MACOM-microSMD110F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
microSMD110F MACOM-microSMD110F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
MICROSMD110F MACOM-MICROSMD110F Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MICROSMD110F LITTELFUSE-MICROSMD110F Datasheet
334Kb / 2P
PolySwitch PTC Devices
More results

Similar Description - MICROSMD110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
47Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
VLR170UF MACOM-VLR170UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com