Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9673D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9673D
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9673D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9673D Datasheet HTML 17Page - NXP Semiconductors PCA9673D Datasheet HTML 18Page - NXP Semiconductors PCA9673D Datasheet HTML 19Page - NXP Semiconductors PCA9673D Datasheet HTML 20Page - NXP Semiconductors PCA9673D Datasheet HTML 21Page - NXP Semiconductors PCA9673D Datasheet HTML 22Page - NXP Semiconductors PCA9673D Datasheet HTML 23Page - NXP Semiconductors PCA9673D Datasheet HTML 24Page - NXP Semiconductors PCA9673D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
21 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
[4]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region SCL’s falling edge.
[5]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at
250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines without
exceeding the maximum specified tf.
[6]
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
Rise and fall times refer to VIL and VIH.
Fig 26. I2C-bus timing diagram
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
002aab175
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 0
(R/W)
acknowledge
(A)
STOP
condition
(P)
1/fSCL
tr
tVD;DAT
Fig 27. Reset timing
SDA
SCL
002aac282
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
P0n, P1n
output off
START
trst
ACK or read cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com