Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2120 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2120 Datasheet HTML 1Page - NXP Semiconductors PCF2120 Datasheet HTML 2Page - NXP Semiconductors PCF2120 Datasheet HTML 3Page - NXP Semiconductors PCF2120 Datasheet HTML 4Page - NXP Semiconductors PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
2 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
5.
Ordering information
[1]
Packing method: sawn wafer on Film Frame Carrier (FFC).
6.
Block diagram
7.
Pinning information
7.1 Pinning
Table 2.
Ordering information
Type
number
Package
Name
Description
Version
PCF2120TK
HVSON10
plastic thermal enhanced very thin small outline
package; no leads; 10 terminals; body 3
× 3 × 0.85 mm
SOT650-1
PCF2120U[1] -
wire bond die; 7 bonding pads; 0.57
× 1.1 × 0.2 mm
PCF2120U
Pin numbers shown for HSVON10 package.
Fig 1.
Block diagram
001aaf631
TEST
VSS
VDD
OSCO
OSCI
CLKOUT
n.c.
CLKOE
10
3
2
5
79
8
1, 4, 6
CL(itg)
PCF2120
Fig 2.
Pin configuration HVSON10
package
Fig 3.
Pad configuration wire bond die
001aaf628
PCF2120TK
n.c.
n.c.
VSS
TEST
OSCO
CLKOUT
OSCI
VDD
n.c.
CLKOE
Transparent top view
5
6
4
7
3
8
2
9
1
10
terminal 1
index area
001aah559
2
OSCO
1
OSCI
7
PCF2120U
CLKOE
6VDD
5
CLKOUT
4
TEST
3
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com