Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/5BD/1 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8564AU/5BD/1
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/5BD/1 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8564AU/5BD/1 Datasheet HTML 36Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 37Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 38Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 39Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 40Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 41Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 42Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 43Page - NXP Semiconductors PCF8564AU/5BD/1 Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
41 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
20. Abbreviations
21. References
[1]
AN10365 — Surface mount reflow soldering description
[2]
AN10706 — Handling bare die
[3]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[4]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[5]
IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices
[6]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[7]
JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model
(MM)
[8]
JESD78 — IC Latch-Up Test
[9]
JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[10] SNW-SQ-623 — NXP store and transport conditions
[11] UM10204 — I2C-bus specification and user manual
Table 36.
Abbreviations
Acronym
Description
BCD
Binary Coded Decimal
CMOS
Complementary Metal Oxide Semiconductor
FFC
Film Frame Carrier
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LSB
Least Significant Bit
MM
Machine Model
MOS
Metal Oxide Semiconductor
MSB
Most Significant Bit
MSL
Moisture Sensitivity Level
PCB
Printed-Circuit Board
POR
Power-On Reset
ROM
Read Only Memory
RTC
Real Time Clock
SCL
Serial Clock Line
SDA
Serial Data Line
SRAM
Static Random Access Memory
WLCSP
Wafer Level Chip-Size Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com