Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 35Page - NXP Semiconductors PCF8566 Datasheet HTML 36Page - NXP Semiconductors PCF8566 Datasheet HTML 37Page - NXP Semiconductors PCF8566 Datasheet HTML 38Page - NXP Semiconductors PCF8566 Datasheet HTML 39Page - NXP Semiconductors PCF8566 Datasheet HTML 40Page - NXP Semiconductors PCF8566 Datasheet HTML 41Page - NXP Semiconductors PCF8566 Datasheet HTML 42Page - NXP Semiconductors PCF8566 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
39 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
15. Bare die outline
Fig 31. Bare die outline PCF8566U
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF8566U
PCF8566U
Notes
1. Pad size
2. Passivation opening
UNIT
mm
max
nom
min
0.406
0.381
0.356
0.548
0.200
0.018
2.5
0.12
0.106
0.12
A
DIMENSIONS (mm are the original dimensions)
Wire bond die; 40 bonding pads; 2.5 x 2.91 x 0.381 mm
e
e
0
0.5
1 mm
scale
D
E
2.91
e
P1(1)
P2(2)
P3(1)
P4(2)
0.106
36
37
38
39
40
25
24
23
22
21
20
19
18
17
16
1
C2
C1
F
23
4
5
10
9
8
7
6
33
34
35
11
12
13
14
15
28
27
26
29
31
30
32
A
detail X
P2
P1
P3
P4
D
E
X
y
0
x
0
08-06-19
08-09-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com