Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050 Datasheet(PDF) 13 Page - Tyco Electronics

Part # ASMD050
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD050 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button ASMD050 Datasheet HTML 9Page - Tyco Electronics ASMD050 Datasheet HTML 10Page - Tyco Electronics ASMD050 Datasheet HTML 11Page - Tyco Electronics ASMD050 Datasheet HTML 12Page - Tyco Electronics ASMD050 Datasheet HTML 13Page - Tyco Electronics ASMD050 Datasheet HTML 14Page - Tyco Electronics ASMD050 Datasheet HTML 15Page - Tyco Electronics ASMD050 Datasheet HTML 16Page - Tyco Electronics ASMD050 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SURF ACE-MOUNT DEVICES FOR ELECTRONIC APPLICA TIONS
10
10
New
New
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
Fig.
SMD150F
1.50
3.00
15
40
0.060
0.250
UL, TÜV, CSA
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMD150F/33
1.50
3.00
33
40
0.080
0.230
UL, TÜV, CSA
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMDH160
1.60
3.20
16
70
0.050
0.150
Pending
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMD185F
1.80
3.60
33
40
0.065
0.165
UL, TÜV, CSA
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMD200F
2.00
4.00
15
40
0.050
0.125
UL, TÜV, CSA
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMD250F
2.50
5.00
15
40
0.035
0.085
UL, TÜV, CSA
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
SMD2 Series Size: 8763 (mm), 3425 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
SMD030F-2018
0.30
0.80
60
20
0.500
2.30
UL, TÜV, CSA
5.44
(0.214)
1.78
(0.070)
4.93
(0.194)
2
decaSMDC050F/60
0.55
1.10
60
10
0.40
1.10
UL, TÜV, CSA
5.31
(0.209)
0.89
(0.035)
4.80
(0.189)
0.25
(0.010)
0.20
(0.008)
1
SMD100F-2018
1.10
2.20
15
40
0.100
0.40
UL, TÜV, CSA
5.44
(0.214)
1.52
(0.060)
4.93
(0.194)
2
SMD150F-2018
1.50
3.00
15
40
0.070
0.18
UL, TÜV, CSA
5.44
(0.214)
1.52
(0.060)
4.93
(0.194)
2
SMD200F-2018
2.00
4.20
6
40
0.048
0.10
UL, TÜV, CSA
5.44
(0.214)
1.52
(0.060)
4.93
(0.194)
2
midSMD Series Size: 5050 (mm), 2018 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
Fig.
SMD030F
0.30
0.60
60
10
1.20
4.800
UL, TÜV, CSA
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
SMD050F
0.50
1.00
60
10
0.350
1.400
UL, TÜV, CSA
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
SMD075F
0.75
1.50
30
40
0.350
1.000
UL, TÜV, CSA
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
SMD075F/60
0.75
1.50
60
10
0.350
1.000
UL, TÜV, CSA
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
SMD100F
1.10
2.20
30
40
0.120
0.480
UL, TÜV, CSA
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMD100F/33
1.10
2.20
33
40
0.120
0.410
UL, TÜV, CSA
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMDH120
1.20
1.50
16
50
0.150
0.340
Pending
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMD125F
1.25
2.50
15
40
0.070
0.250
UL, TÜV, CSA
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMD260F
2.60
5.20
6
40
0.025
0.075
UL, TÜV, CSA
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMD300F
3.00
6.00
6
40
0.015
0.048
UL, TÜV, CSA
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
SMD Series Size: 7555 (mm), 2920 (mils)
ELV Compliant, RoHS Compliant
Figure 2
B
A
Side view
C
End view
(midSMD products only)
C
End view
These product lines are also designed for surface-
mount applications. The products range in hold cur-
rents from 0.3A to 3.0A and voltages from 6V to 60V.
These devices are suited for high-density board appli-
cations in computer and computer peripheral products,
telecommunications, and general electronics applica-
tions. They are designed to be reflowed onto a printed
circuit board using standard surface-mount processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com