Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566P Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8566P Datasheet HTML 1Page - NXP Semiconductors PCF8566P Datasheet HTML 2Page - NXP Semiconductors PCF8566P Datasheet HTML 3Page - NXP Semiconductors PCF8566P Datasheet HTML 4Page - NXP Semiconductors PCF8566P Datasheet HTML 5Page - NXP Semiconductors PCF8566P Datasheet HTML 6Page - NXP Semiconductors PCF8566P Datasheet HTML 7Page - NXP Semiconductors PCF8566P Datasheet HTML 8Page - NXP Semiconductors PCF8566P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
5 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
6.2 Pin description
Fig 3.
Pin configuration for PCF8566U
mbh783
PCF8566U
36
37
38
39
40
5
4
3
2
1
25
24
23
22
21
16
15
14
13
12
11
10
17
18
19
20
9
8
7
6
30
31
32
33
34
35
26
27
28
29
SA0
A2
A1
A0
OSC
S16
S17
S18
VSS
VLCD
BP0
BP2
BP1
S11
S10
S9
S12
S14
S13
S15
Table 3.
Pin description
Symbol
Pin
Description
SDA
1
I2C-bus data input and output
SCL
2
I2C-bus clock input and output
SYNC
3
cascade synchronization input and output
CLK
4
external clock input and output
VDD
5
positive supply voltage[1]
OSC
6
oscillator select
A0
7
I2C-bus subaddress inputs
A1
8
A2
9
SA0
10
I2C-bus slave address bit 0 input
VSS
11
logic ground
VLCD
12
LCD supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com