Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566TS Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8566TS
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566TS Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8566TS Datasheet HTML 30Page - NXP Semiconductors PCF8566TS Datasheet HTML 31Page - NXP Semiconductors PCF8566TS Datasheet HTML 32Page - NXP Semiconductors PCF8566TS Datasheet HTML 33Page - NXP Semiconductors PCF8566TS Datasheet HTML 34Page - NXP Semiconductors PCF8566TS Datasheet HTML 35Page - NXP Semiconductors PCF8566TS Datasheet HTML 36Page - NXP Semiconductors PCF8566TS Datasheet HTML 37Page - NXP Semiconductors PCF8566TS Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
34 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCF8566s. This synchronization is guaranteed after the power-on reset. The only time
that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in
adverse electrical environments or by defining a multiplex mode when PCF8566s with
differing SA0 levels are cascaded).
SYNC is organized as an input/output pin; the output selection being realized as an
open-drain driver with an internal pull-up resistor. A PCF8566 asserts the SYNC line at
the onset of its last active backplane signal and monitors the SYNC line at all other times.
If synchronization in the cascade is lost, it is restored by the first PCF8566 to assert
SYNC. The timing relationship between the backplane waveforms and the SYNC signal
for the various drive modes of the PCF8566 are shown in Figure 27.
Fig 26. Cascaded PCF8566 configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
SDA
SCL
CLK
OSC
SYNC
1
17 to 40
13 to 16
13 to 16
2
3
4
6
78
512
910
11
7
8
9
10
11
24 segment drives
4 backplanes
24 segment drives
LCD PANEL
(up to 1536
elements)
PCF8566
PCF8566
A0
A1
A2
SA0
mgg384
SDA
SCL
SYNC
CLK
OSC
1
512
2
3
4
6
17 to 40
BP0 to BP3
(open-circuit)
A0
A1
A2
SA0
BP0 to BP3
VDD
VLCD
VSS
VDD
VLCD
VSS
VLCD
VDD
VSS
R
≤
trise
2 Cbus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com